Electronic Components Datasheet Search
  English  ▼

X  

ICM7243 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICM7243
Description  8-Character, Microprocessor-Compatible, LED Display Decoder Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICM7243 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICM7243 Datasheet HTML 1Page - Renesas Technology Corp ICM7243 Datasheet HTML 2Page - Renesas Technology Corp ICM7243 Datasheet HTML 3Page - Renesas Technology Corp ICM7243 Datasheet HTML 4Page - Renesas Technology Corp ICM7243 Datasheet HTML 5Page - Renesas Technology Corp ICM7243 Datasheet HTML 6Page - Renesas Technology Corp ICM7243 Datasheet HTML 7Page - Renesas Technology Corp ICM7243 Datasheet HTML 8Page - Renesas Technology Corp ICM7243 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN3162 Rev 5.00
Page 1 of 17
October 2, 2015
FN3162
Rev 5.00
October 2, 2015
ICM7243
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
DATASHEET
The ICM7243 is an 8-character, alphanumeric display driver
and controller which provides all the circuitry required to
interface a microprocessor or digital system to a 14-segment
or 16-segment display. It is primarily intended for use in
microprocessor systems, where it minimizes hardware and
software overhead. Incorporated on-chip are a 64-character
ASClI decoder, 8x6 memory, high power character and
segment drivers, and the multiplex scan circuitry.
6-bit ASCll data to be displayed is written into the memory
directly from the microprocessor data bus. Data location
depends upon the selection of either Sequential
(MODE = 1) or Random access mode (MODE = 0). In the
Sequential Access mode the first entry is stored in the
lowest location and displayed in the “left-most” character
position. Each subsequent entry is automatically stored in
the next higher location and displayed to the immediate
“right” of the previous entry. A DISPlay FULL signal is
provided after 8 entries; this signal can be used for
cascading devices together. A CLeaR pin is provided to
clear the memory and reset the location counter. The
Random Access mode allows the processor to select the
memory address and display digit for each input word.
The character multiplex scan runs whenever data is not
being entered. It scans the memory and CHARacter drivers,
and ensures that the decoding from memory to display is
done in the proper sequence. Intercharacter blanking is
provided to avoid display ghosting
Features
• 14-Segment and 16-Segment Fonts with Decimal Point
• Mask Programmable for Other Font-Sets Up to 64
Characters
• Microprocessor Compatible
• Directly Drives LED Common Cathode Displays
• Cascadable Without Additional Hardware
• Standby Feature Turns Display Off; Puts Chip in Low
Power Mode
• Sequential Entry or Random Entry of Data Into Display
• Single +5V Operation
• Character and Segment Drivers, All MUX Scan Circuitry,
8x6 Static Memory and 64-Character ASCll Font
Generator Included On-Chip
• Pb-Free Available (RoHS Compliant)
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ICM7243BlPL** (No longer available or
supported)
ICM7243BlPL
-25 to +85
40 Ld PDIP
E40.6
ICM7243BlPLZ ** (Note)
ICM7243BlPLZ
-25 to +85
40 Ld PDIP
E40.6
ICM7243AIM44Z* (Note) (No longer
available, recommended replacement:
ICM7244AIM44Z, ICM7244AIM44ZT)
ICM7243 AIM44Z
-25 to +85
44 Ld MQFP
Q44.10x10
ICM7243AIPLZ** (Note) (No longer available
or supported)
ICM7243AIPLZ
-20 to +85
40 Ld PDIP
E40.6
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020


Similar Part No. - ICM7243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
8-Character, Microprocessor- Compatible, LED Display Decoder Driver
August 1997
ICM7243 INTERSIL-ICM7243 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7243 INTERSIL-ICM7243 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7243 INTERSIL-ICM7243 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7243 INTERSIL-ICM7243 Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results

Similar Description - ICM7243

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
8-Character, Microprocessor- Compatible, LED Display Decoder Driver
August 1997
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7245 INTERSIL-ICM7245 Datasheet
400Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
October 29, 2013
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7243BlPL INTERSIL-ICM7243BlPL Datasheet
423Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Dri
October 2, 2015
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
ICM7245AIM44Z INTERSIL-ICM7245AIM44Z Datasheet
401Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible,LED Display Decoder Driver
October 29, 2013
logo
Renesas Technology Corp
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
ICM7245 RENESAS-ICM7245 Datasheet
665Kb / 13P
8-Character, 16-Segment, Microprocessor Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com