Electronic Components Datasheet Search
  English  ▼

X  

PSS9012G Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSS9012G
Description  20 V PNP general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS9012G Datasheet(HTML) 5 Page - NXP Semiconductors

  PSS9012G Datasheet HTML 1Page - NXP Semiconductors PSS9012G Datasheet HTML 2Page - NXP Semiconductors PSS9012G Datasheet HTML 3Page - NXP Semiconductors PSS9012G Datasheet HTML 4Page - NXP Semiconductors PSS9012G Datasheet HTML 5Page - NXP Semiconductors PSS9012G Datasheet HTML 6Page - NXP Semiconductors PSS9012G Datasheet HTML 7Page - NXP Semiconductors PSS9012G Datasheet HTML 8Page - NXP Semiconductors PSS9012G Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2004 Aug 10
5
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
PSS9012 series
handbook, halfpage
−103
−102
−10
−1
MLE080
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(3) (2)
(1)
Fig.6
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 10.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−103
−102
−10
−1
MLE081
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(2)
(1)
(3)
Fig.7
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
103
102
10
1
10−1
MLE078
−10−1
−1
−10
IC (mA)
RCEsat
(
Ω)
−102
−103
(1)
(3)
(2)
Fig.8
Collector-emitter equivalent on-resistance
as a function of collector current; typical
values.
IC/IB = 10.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
103
102
10
1
10−1
MLE079
−10−1
−1
−10
IC (mA)
RCEsat
(
Ω)
−102
−103
(1)
(3)
(2)
Fig.9
Collector-emitter equivalent on-resistance
as a function of collector current; typical
values.
IC/IB = 20.
(1) Tamb =25 °C.
(2) Tamb = 100 °C.
(3) Tamb = −55 °C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com