Electronic Components Datasheet Search
  English  ▼

X  

TLE9255W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE9255W
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255W Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE9255W Datasheet HTML 1Page - Infineon Technologies AG TLE9255W Datasheet HTML 2Page - Infineon Technologies AG TLE9255W Datasheet HTML 3Page - Infineon Technologies AG TLE9255W Datasheet HTML 4Page - Infineon Technologies AG TLE9255W Datasheet HTML 5Page - Infineon Technologies AG TLE9255W Datasheet HTML 6Page - Infineon Technologies AG TLE9255W Datasheet HTML 7Page - Infineon Technologies AG TLE9255W Datasheet HTML 8Page - Infineon Technologies AG TLE9255W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Data Sheet
1
Rev. 1.02
www.infineon.com/automotive-transceiver
2018-02-02
TLE9255W
HS CAN Transceiver with Partial Networking
1
Overview
Features
• Fully compliant to ISO 11898-2 (2016)
• HS CAN standard data rates up to 1MBit/s
• CAN FD data rates up to 5 MBit/s
• Wide common mode range for electromagnetic immunity (EMI)
• Very low electromagnetic emission (EME)
• Excellent ESD robustness, ± 10 kV according to IEC 61000-4-2
• Independent supply concept on VCC and VBAT pins
• Fail safe features
–TxD-timeout
– overtemperature shutdown
– overtemperature warning
• Extended supply range on VCC and VIO supply
• CAN short circuit proof to ground, battery and VCC
• Overtemperature protection
• Advanced bus biasing according to ISO 11898-2 (2016)
• Wake filter time 0.5µs < tFilter < 1.8µs meeting worldwide OEM requirements
• Wake-up pattern (WUP) detection in all low-power modes
• Wake-up frame (WUF) detection according to ISO 11898-2 (2016)
• Wake-up frame detection with CAN FD tolerant feature
•Local wake-up input
• SPI clock frequency up to 4 MHz
• Green Product (RoHS compliant)
• AEC Qualified
Applications
•HS CAN networks in automotive applications
•HS CAN networks in industrial applications


Similar Part No. - TLE9255W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250LE INFINEON-TLE9250LE Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250SJ INFINEON-TLE9250SJ Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250V INFINEON-TLE9250V Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9250VLE INFINEON-TLE9250VLE Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
More results

Similar Description - TLE9255W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83223 NSC-DP83223 Datasheet
93Kb / 14P
TWISTER High Speed Networking Transceiver Device
logo
Holt Integrated Circuit...
HI-5110 HOLTIC-HI-5110 Datasheet
184Kb / 51P
CAN Controller with Integrated Transceiver
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
TCAN4420 TI1-TCAN4420 Datasheet
973Kb / 31P
CAN Transceiver with Polarity Control
logo
NXP Semiconductors
TJA1145 NXP-TJA1145 Datasheet
561Kb / 57P
High-speed CAN transceiver for partial networking
Rev. 4-09 May 2018
logo
Infineon Technologies A...
TLE9461 INFINEON-TLE9461 Datasheet
539Kb / 2P
Lite LDO System Basis Chip supports CAN Flexible Data-Rate(FD) and Partial Networking (PN)
MM-2015
logo
NXP Semiconductors
TJA1145A NXP-TJA1145A Datasheet
658Kb / 57P
High-speed CAN transceiver for partial networking
UJA1168A NXP-UJA1168A Datasheet
856Kb / 74P
Mini high-speed CAN system basis chip for partial networking
Rev. 1 ??23 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com