Electronic Components Datasheet Search
  English  ▼

X  

AS6200C Datasheet(PDF) 9 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 9 Page - ams AG

Back Button AS6200C Datasheet HTML 5Page - ams AG AS6200C Datasheet HTML 6Page - ams AG AS6200C Datasheet HTML 7Page - ams AG AS6200C Datasheet HTML 8Page - ams AG AS6200C Datasheet HTML 9Page - ams AG AS6200C Datasheet HTML 10Page - ams AG AS6200C Datasheet HTML 11Page - ams AG AS6200C Datasheet HTML 12Page - ams AG AS6200C Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Document Feedback
AS6200C
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 9
5
Typical Operating Characteristics
The AS6200C is a complete sensor system that has an integrated sensing element, the analog
frontend, the A/D converter and the digital signal processing part.
The digital signal processing part consists of the signal processor, the registers and the serial bus
interface.
5.1
Analog System Parameters
Figure 6:
Analog System Parameters of AS6200C
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
Vdd
1.8
2.0
3.0
3.0
3.6
3.6
V
T= 0°C to 125°C
T= -40°C to 125°C
Temperature Range
T
-40
125
°C
Standby current
consumption
IDD
0.1
0.3
0.4
0.9
µA
T= -40°C to 65°C
T= 65°C to 125°C
Current Consumption
(4 conversion /s)
IDD
6
7
16
µA
T= -40°C to 65°C
Serial bus inactive
T= 65°C to 125°C
Serial bus inactive
Accuracy (1)
T_ERR
-1.0
-0.4
-0.2
-0.2
-0.4
-1.0
1.0
0.4
0.25
0.2
0.4
1.0
°C
T= -40°C to -30°C
T= -30°C to -20°C
T= -20°C to -10°C
T= -10°C to 20°C
T= 20°C to 50°C
T= 50°C to 125°C
Resolution
N
12
Bits
Conversion Time
TS
24
32
40
ms
Conversion Rate
NS
0.25
1
4
8
0.35
1.35
5.5
10.7
Conv/s
CR[1:0]=00
CR[1:0]=01
CR[1:0]=10
CR[1:0]=11
(1)
The accuracy is based on measurements and reflects 3
σ statistics.
In Figure 6 an overview of the analog system parameters is given.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com