Electronic Components Datasheet Search
  English  ▼

X  

AS7261N Datasheet(PDF) 18 Page - ams AG

Part # AS7261N
Description  XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7261N Datasheet(HTML) 18 Page - ams AG

Back Button AS7261N Datasheet HTML 14Page - ams AG AS7261N Datasheet HTML 15Page - ams AG AS7261N Datasheet HTML 16Page - ams AG AS7261N Datasheet HTML 17Page - ams AG AS7261N Datasheet HTML 18Page - ams AG AS7261N Datasheet HTML 19Page - ams AG AS7261N Datasheet HTML 20Page - ams AG AS7261N Datasheet HTML 21Page - ams AG AS7261N Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-02] 2017-Feb-27
AS7261N − Detailed Descriptions
I²C Slave Interface
Interface, control and reading sensor data is accomplished
through an I²C compatible slave interface via a set of registers.
I²C Feature List
• Fast mode (400 kHz) and standard mode (100 kHz) support
• 7+1-bit addressing mode
• Write format: Byte
• Read format: Byte
I²C Register Set
The 7-bit I²C slave address of AS7261N is 0x49 plus one bit for
read/write. When reading from I²C registers, the 7 + 1-bit
address should be 0x93. When writing to I²C registers, the
7+1-bit address should be 0x92.
The figure below provides a summary of the AS7261N I²C
register set. Figures after that provide additional details. All
register data is hex, and all multi-byte entities are Big Endian
(most significant byte is situated at the lower register address).
I²C register addresses not listed should be treated as reserved
and not used.
Figure 17:
I²C Register Set Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Device Version Registers
0x10
DEV_ID
Device Identification
0x11
DEV_VER
Device Version
Device Configuration Registers
0x70
DEV_Config_1
Device Configuration 1
0x71
DEV_Config_2
Device Configuration 2
0xB0
DEV_Config_3
Device Configuration 3
0x88
DEV_Config_4
Device Configuration 4
0x9A
DEV_Config_5
Device Configuration 5
Power Mode Register
0x73
PWR_MODE
RESV
PM
RESV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com