Electronic Components Datasheet Search
  English  ▼

X  

ISL6294IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6294IBZ
Description  High Input Voltage Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6294IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6294IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6294IBZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ISL6294
FN9174 Rev 4.00
Page 2 of 9
Jul 9, 2007
Absolute Maximum Ratings (Reference to GND)
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
IMIN, IREF, BAT, CHG, EN, PPR . . . . . . . . . . . . . . . . . . . -0.3V to 7V
ESD Rating
Human Body Model (Per EIA JESD22 Method A114-B) . . . . .7kV
Machine Model (Per EIA JED-4701 Method C-111). . . . . . . .450V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . . . . . . . 28V
Operating Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . 4.5V to 6.5V
Programmed Charge Current (DFN) . . . . . . . . . . . 100mA to 900mA
Programmed Charge Current (SOIC) . . . . . . . . . . 100mA to 600mA
Thermal Resistance
JA (°C/W) JC (°C/W)
DFN Package (Notes 1, 2) . . . . . . . . . .
59
4.5
SOIC Package (Notes 1, 2) . . . . . . . . .
95
NA
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Typical Values Are Tested at VIN = 5V and the Ambient Temperature at +25°C. All Maximum and Minimum
Values Are Guaranteed Under the Recommended Operating Supply Voltage Range and Ambient Temperature
Range, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising POR Threshold
VPOR
VBAT = 3.0V, use PPR to indicate the
comparator output.
3.3
3.9
4.3
V
Falling POR Threshold
VPOR
3.1
3.6
4.15
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.0V, use CHG pin to indicate the
comparator output (Note 3)
-
90
150
mV
Falling Edge
VOS
10
50
-
mV
OVERVOLTAGE PROTECTION
Overvoltage Protection Threshold
VOVP
(Note 4)
Use PPR to indicate the comparator output
6.5
6.8
7.1
V
OVP Threshold Hysteresis
100
240
400
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY Charger disabled or the input is floating
-
-
1.0
µA
VIN Pin Supply Current
IVIN
Charger disabled
-
300
400
µA
VIN Pin Supply Current
IVIN
Charger enabled
-
400
600
µA
VOLTAGE REGULATION
Output Voltage
VCH
4.3V < VIN < 6.5V, charge current = 20mA
4.158
4.20
4.242
V
PMOS On Resistance
rDS(ON)
VBAT = 3.8V, charge current = 0.5A
-
0.6
-
CHARGE CURRENT (Note 5)
IREF Pin Output Voltage
IIREF
VBAT = 3.8V
1.18
1.22
1.26
V
Constant Charge Current
ICHG
RIREF = 24.3k, VBAT = 2.8V to 4.0V
450
500
550
mA
Trickle Charge Current
ITRK
RIREF = 24.3k, VBAT = 2.4V
70
95
130
mA
End-of-Charge Current
IMIN
RIMIN = 243k
33
45
57
mA
EOC Rising Threshold
RIMIN = 243k
325
380
415
mA
PRECONDITIONING CHARGE THRESHOLD
Preconditioning Charge Threshold Voltage
VMIN
2.45
2.55
2.65
V
Preconditioning Voltage Hysteresis
VMINHYS
40
100
150
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com