Electronic Components Datasheet Search
  English  ▼

X  

ISL6532C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6532C
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6532C Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6532C Datasheet HTML 1Page - Renesas Technology Corp ISL6532C Datasheet HTML 2Page - Renesas Technology Corp ISL6532C Datasheet HTML 3Page - Renesas Technology Corp ISL6532C Datasheet HTML 4Page - Renesas Technology Corp ISL6532C Datasheet HTML 5Page - Renesas Technology Corp ISL6532C Datasheet HTML 6Page - Renesas Technology Corp ISL6532C Datasheet HTML 7Page - Renesas Technology Corp ISL6532C Datasheet HTML 8Page - Renesas Technology Corp ISL6532C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Block Diagram
SOFT-START,
PGOOD,
COMP
EA1
PWM
GNDA
UGATE
VTT(2)
VTTSNS
OSCILLATOR
AND FAULT
LOGIC
FB
COMP
VTT
VOLTAGE
REFERENCE
UV/OV1
SOFT-START
0.800V
0.680V (-15%)
LGATE
P12V
PWM
LOGIC
0.920V (+15%)
VREF_IN
VDDQ(3)
PGOOD
REG
S5#
S3#
S0/S3
5V
POR
5VSBY
PWM ENABLE
P5VSBY
NCH
GNDQ
SLEEP,
VDDQ S3
REGULATOR
EA2
12VCC
FB2
DRIVE2
VREF_OUT
12V
POR
S3
UV/OV3
PHASE
20
A
OCSET
OC
COMP
250kHz
GNDP
UV/OV
S0
{
{
RU
RL
DISABLE
650
 OUTPUT
IMPEDANCE
UV/OV2
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+-
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com