Electronic Components Datasheet Search
  English  ▼

X  

ISL6537ACR Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6537ACR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6537ACR Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6537ACR Datasheet HTML 8Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 9Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6537ACR Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ISL6537A
FN9143 Rev 5.00
Page 13 of 16
Jul 18, 2007
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC Gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6537A) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide
a closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin
is the difference between the closed loop phase at f0dB and
180 degrees. The equations below relate the compensation
network’s poles, zeros and gain to the components (R1, R2,
R3, C1, C2, and C3) in Figure 3. Use these guidelines for
locating the poles and zeros of the compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth.
2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC).
3. Place 2ND Zero at Filter’s Double Pole.
4. Place 1ST Pole at the ESR Zero.
5. Place 2ND Pole at Half the Switching Frequency.
6. Check Gain against Error Amplifier’s Open-Loop Gain.
7. Estimate Phase Margin - Repeat if Necessary.
Compensation Break Frequency Equations
Figure 4 shows an asymptotic plot of the DC/DC converter’s
gain vs. frequency. The actual Modulator Gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 4. Using the above guidelines should give a
Compensation Gain similar to the curve plotted. The open
loop error amplifier gain bounds the compensation gain.
Check the compensation gain at FP2 with the capabilities of
the error amplifier. The Closed Loop Gain is constructed on
the graph of Figure 4 by adding the Modulator Gain (in dB) to
the Compensation Gain (in dB). This is equivalent to
multiplying the modulator transfer function to the
compensation transfer function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Output Voltage Selection
The output voltage of all the external voltage regulators can
be programmed to any level between their individual input
voltage and the internal reference, 0.8V. An external resistor
divider is used to scale the output voltage relative to the
reference voltage and feed it back to the inverting input of the
error amplifier, refer to the Typical Application on page 4.
The output voltage programming resistor will depend on the
value chosen for the feedback resistor and the desired
output voltage of the particular regulator.
If the output voltage desired is 0.8V, simply route the output
voltage back to the respective FB pin through the feedback
resistor and do not populate the output voltage programming
resistor.
The output voltage for the internal VTT_DDR linear regulator
is set internal to the ISL6537A to track the VDDQ voltage by
50%. There is no need for external programming resistors.
FLC
1
2
 x LO x CO
-------------------------------------------
=
FESR
1
2
 x ESR x CO
--------------------------------------------
=
(EQ. 4)
FZ1
1
2
 x R
2 x C1
------------------------------------
=
FZ2
1
2
 x R
1
R3
+
 x C
3
-------------------------------------------------------
=
FP1
1
2
 x R
2 x
C1 x C2
C1 C2
+
----------------------



---------------------------------------------------------
=
FP2
1
2
 x R
3 x C3
------------------------------------
=
(EQ. 5)
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
20LOG
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
20LOG
(VIN/VOSC)
MODULATOR
GAIN
(R2/R1)
FIGURE 4. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP
GAIN
R4
R1 0.8V
VDDQ 0.8V
–
-----------------------------------
=
R8
R5 0.8V
VGMCH 0.8V
–
----------------------------------------
=
R10
R9 0.8V
Vxxxxxxxxxxxx 0.8V
–
-----------------------------------------------------------
=
R12
R11 0.8V
VDAC 0.8V
–
----------------------------------
=
TT_GMCH/CPU
(EQ. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com