Electronic Components Datasheet Search
  English  ▼

X  

ISL6597 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6597
Description  Dual Synchronous Rectified MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6597 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6597 Datasheet HTML 1Page - Renesas Technology Corp ISL6597 Datasheet HTML 2Page - Renesas Technology Corp ISL6597 Datasheet HTML 3Page - Renesas Technology Corp ISL6597 Datasheet HTML 4Page - Renesas Technology Corp ISL6597 Datasheet HTML 5Page - Renesas Technology Corp ISL6597 Datasheet HTML 6Page - Renesas Technology Corp ISL6597 Datasheet HTML 7Page - Renesas Technology Corp ISL6597 Datasheet HTML 8Page - Renesas Technology Corp ISL6597 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN9165 Rev 1.00
Page 1 of 10
May 4, 2007
FN9165
Rev 1.00
May 4, 2007
ISL6597
Dual Synchronous Rectified MOSFET Drivers
DATASHEET
The ISL6597 integrates two ISL6596 drivers and is
optimized to drive two independent power channels in a
synchronous-rectified buck converter topology. These
drivers, combined with an Intersil multiphase PWM
controller, form a complete high efficiency voltage regulator
solution.
The IC is biased by a single low voltage supply (5V),
minimizing driver switching losses in high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3nF load with less than
10ns rise/fall time. Bootstrapping of the upper gate driver is
implemented via an internal low forward drop diode,
reducing implementation cost, complexity, and allowing the
use of higher performance, cost effective N-Channel
MOSFETs. Adaptive shoot-through protection is integrated
to prevent both MOSFETs from conducting simultaneously.
The ISL6597 features 4A typical sink current for the lower
gate driver, enhancing the lower MOSFET gate hold-down
capability during PHASE node rising edge, preventing power
loss caused by the self turn-on of the lower MOSFET due to
the high dV/dt of the switching node.
The ISL6597 also features an input that recognizes a high-
impedance state, working together with Intersil multi-phase
3.3V or 5V PWM controllers to prevent negative transients
on the controlled output voltage when operation is
suspended. This feature eliminates the need for the schottky
diode that may be utilized in a power system to protect the
load from negative output voltage damage.
Features
• 5V Quad N-Channel MOSFET Drives for Two
Synchronous Rectified Bridges
• Adaptive Shoot-Through Protection
• Programmable Deadtime for Efficiency Optimization
•0.4
 On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall
- Ultra Low Tri-State Hold-Off Time (20ns)
•Low VF Internal Bootstrap Diode
• Low Bias Supply Current
• Support 3.3V and 5V PWM Input
• Enable Input and Power-On Reset
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Utilization and Thinner in Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile High Efficiency DC/DC
Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies
Related Literature
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN (MLFP) Packages”
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6597CRZ
65 97CRZ
0 to +70 16 Ld 4x4 QFN L16.4x4
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.


Similar Part No. - ISL6597

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597 Datasheet
102Kb / 2P
ISL6597 Integrated Power Stage
September 2004
ISL6597 INTERSIL-ISL6597 Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6597CRZ INTERSIL-ISL6597CRZ Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results

Similar Description - ISL6597

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com