Electronic Components Datasheet Search
  English  ▼

X  

SC8206 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC8206
Description  REMOTE FAN CONTROL IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8206 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC8206 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8206 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8206 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8206 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8206 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8206 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8206 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8206 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silan
Semiconductors
SC8206
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.11.6
3
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristics
Symbol
Value
Unit
Supply Voltage
VDD
-0.3~6
V
Input/output Voltage
VIN
VSS -0.3V~VDD+0.3V
V
Power Consumption
PD
500
mW
Operating Temperature
Topr
-10 ~ +70
°C
Storage Temperature
Tstg
-40~+125
°C
DC ELECTRICAL CHARACTERISTICS (unless special Tamb=25°C,VDD=5.0V)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
--
3.0
5.0
6.0
V
Static Consumption Current
ISB
VDD=5V, OSC stop, no load
--
1
--
µA
Input High Level Voltage
VIH
--
0.7VDD
--
VDD
V
Input Low Level Voltage
VIL
--
0
--
0.3VDD
V
OFF, MODE, SPEED, TIMER
Scan Output Current
IOH
VDD=5.0V, Vo=3.5V
--
10
--
mA
COM1~COM3 Scan Output
Sink Current
IOL
VDD=5.0V, Vo=0.7V
--
-40
--
mA
Drive Output Current
IOL
VDD=5.0V, Vo=0.7V
--
-10
--
mA
Buzzer Output Current
IOH
VDD=5.0V, Vo=3.5V
--
5
--
mA
Oscillated Frequency
FOSC
--
455
--
kHz
PIN DESCRIPTION
DIP-18
Pin NO.
DIP-20
Pin NO.
Symbol
I/O
Description
--
1
LIGHT
I
Light control key input
1
2
DI
I
Remote control sensor input
2
3
OFF
I/O
OFF control key input, shared with LED scan output
3
4
TIMER
I/O
TIMER control key input and LED scan output
4
5
SPEED
I/O
SPEED key control input and LED scan output
5
6
MODE
I/O
MODE key control input and LED scan output
6
7
COM1
O
Consumer code C2 and LED scan common port
To be continued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com