Electronic Components Datasheet Search
  English  ▼

X  

M56783AFP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M56783AFP
Description  3 CHANNEL ACTUATOR DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56783AFP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M56783AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3 CHANNEL ACTUATOR DRIVER
M56783AFP
MITSUBISHI <CONTROL / DRIVER IC>
I/O TERMINAL EQUIVALENT CIRCUIT
(1) E1, E2 input amplifier I/O terminal equivalent circuit
(2) B1, B2 input buffer input terminal equivalent circuit
(3) VREF amplifier input terminal equivalent circuit
(4) OP1, OP2 input buffer I/O terminal equivalent circuit
(5) S1, S2 input buffer I/O terminal equivalent circuit
(6) MUTE equivalent circuit
(IN3+, IN3-)
(IN1+, IN1-, OUT1, IN2+, IN2-, OUT2)
(OP1+, OP1-, OP1OUT, OP2+, OP2-, OP2OUT)
(VREF)
(MUTE1, MUTE2)
(SIN1-, SOUT1, SIN2-, SOUT2)
IN*+
OUT*
GND
VBS
GND
VBS
IN*-
GND
VBS
VBS
IN3*
GND
VBS
VBS
VREF
GND
VBS
VBS
OP*+
OP*OUT
GND
VBS
GND
VBS
OP*-
VBS
VBS
GND
MUTE
GND
VBS
GND
2K
23K
23K
GND
VBS
VBS
VBS
GND
VREFO
VM+
SOUT*
SIN*-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com