Electronic Components Datasheet Search
  English  ▼

X  

MP2617BGL Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 19Page - Monolithic Power Systems MP2617BGL Datasheet HTML 20Page - Monolithic Power Systems MP2617BGL Datasheet HTML 21Page - Monolithic Power Systems MP2617BGL Datasheet HTML 22Page - Monolithic Power Systems MP2617BGL Datasheet HTML 23Page - Monolithic Power Systems MP2617BGL Datasheet HTML 24Page - Monolithic Power Systems MP2617BGL Datasheet HTML 25Page - Monolithic Power Systems MP2617BGL Datasheet HTML 26Page - Monolithic Power Systems MP2617BGL Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
23
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Any Limit condition
triggered?
No
Yes
VBATT>3.0V?
No
CC/CV Charge
ICHG=IBF?
Yes
Charge Full, EOC=1
TMR off,
clear the counter
DC-DC keeps work
VBATT<VRCHG?
Yes
VSYS<VBATT-40mV?
No
Yes
No
Clamp DC-DC
EAO to regulate
the part
at the limit state
Yes
Trickle Charge
ICHG=10%ICC
VBATT<3.4V?
VSYS drops down,
Charge switch
is fully on
Yes
Decrease ICHG,
Keep VSYS=3.6V
No
ICHG=0?
Yes
VSYS<VBATT-40mV?
Yes
Ideal Diode Mode:
VSYS=VBATT-65mV,
Enable discharge
current limit
VBATT>VBATT_UVLO?
Yes
VSYS>VBATT+40mV?
No
Battery switch shuts down,
DC-DC in over load
condition,
VSYS drops down
No
Charge in
CV mode and
ICHG<IBF?
No
Yes
No
No
No
Satisfy System current
Charge the battery with
remaining current
Limit condition
Removed?
Yes
No
Yes
Disable
Ideal Diode Mode
Figure 5
— MP2617B Operation Flow Chart under No Fault Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com