Electronic Components Datasheet Search
  English  ▼

X  

MP2619 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2619
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2619 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2619 Datasheet HTML 2Page - Monolithic Power Systems MP2619 Datasheet HTML 3Page - Monolithic Power Systems MP2619 Datasheet HTML 4Page - Monolithic Power Systems MP2619 Datasheet HTML 5Page - Monolithic Power Systems MP2619 Datasheet HTML 6Page - Monolithic Power Systems MP2619 Datasheet HTML 7Page - Monolithic Power Systems MP2619 Datasheet HTML 8Page - Monolithic Power Systems MP2619 Datasheet HTML 9Page - Monolithic Power Systems MP2619 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP2619 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2619 Rev. 1.01
www.MonolithicPower.com
6
5/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=19V, C1=4.7μF, C2=22μF, L=4.7μH, RS1=110mΩ, RS2=20mΩ, Real Battery Load, TA=25ºC,
unless otherwise noted.
2 Cells Battery Charge Curve
7.5
7.6
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
8.5
0
20
40
60
80
100 120
TIMES(MIN)
0
0.5
1
1.5
2
2.5
VBATT
IBATT
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
0
50
100
150
0
0.5
1
1.5
2
2.5
3 Cells Battery Charge Curve
Effciency vs. ICHG
Effciency vs. ICHG
TIMES(MIN)
VBATT
IBATT
BATTERY VOLTAGE(V)
2 Cells ICHG vs. VBATT Curve
3 Cells ICHG vs. VBATT Curve
0
0.5
1
1.5
2
2.5
024
6
8
10
VIN=12V
VIN=24V
VIN=19V
0
0.5
1
1.5
2
2.5
02
46
8
10 12 14
B ATTER Y VOLTAGE(V)
VIN=24V
VIN=19V
BATT Float Voltage vs. VIN
8
8.1
8.2
8.3
8.4
8.5
813
18
23
28
VIN (V)
ICHG (A)
2 Cells Battery
60.0
70.0
80.0
90.0
100.0
0
0.4
0.8
1.2
1.6
2
ICHG (A)
2 Cells Battery
VIN=12V
VIN=15V
VIN=19V
VIN=24V
60.0
70.0
80.0
90.0
100.0
0
0.4
0.8
1.2
1.6
2
3 Cells Battery
VIN=15V
VIN=19V
VIN=24V
BATT Float Voltage
vs. Temperature
8
8.1
8.2
8.3
8.4
8.5
-20
0
20
40
60
80
TEMPERATURE (OC)
2 Cells Battery
TEMPERATURE (OC)
Charge Current
vs. Temperature
1.2
1.4
1.6
1.8
2
2.2
-20
0
20
40
60
80
2 Cells Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com