Electronic Components Datasheet Search
  English  ▼

X  

SDT452AP Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SDT452AP
Description  P -Channel E nhancement Mode F ield E ffect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDT452AP Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SDT452AP Datasheet HTML 1Page - SamHop Microelectronics Corp. SDT452AP Datasheet HTML 2Page - SamHop Microelectronics Corp. SDT452AP Datasheet HTML 3Page - SamHop Microelectronics Corp. SDT452AP Datasheet HTML 4Page - SamHop Microelectronics Corp. SDT452AP Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-Channel E nhancement Mode Field E ffect Transistor
S OT-223 Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
S amHop Microelectronics C orp.
August , 2002
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) TYP
-30V
-5.3A
52 @ V GS = -10V
85 @ V GS = -4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S DT 452AP
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
12
42
R JA
/W
C
/W
C
-30
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
20
VGS
V
-Pulsed
ID
A
IDM
A
Drain-S ource Diode Forward Current
IS
A
Maximum Power Dissipation
PD
W
Operating and S torage Temperature R ange
TJ, TS TG
-65 to 150
C
@ Tc=25 C
Derate above 25 C
3
0.08
W/ C
Drain Current-Continuous
@ TJ=125 C
a
-5.3
S
G
D
D
S
G
S OT-223
S OT-223 (J 23Z)
G
D
D
S
-16
5.3


Similar Part No. - SDT452AP

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
DC Input Optocoupler
logo
Solid State Inc
SDT450 SOLIDSTATE-SDT450 Datasheet
693Kb / 6P
Home Appliances
More results

Similar Description - SDT452AP

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4952 SAMHOP-SDM4952 Datasheet
321Kb / 5P
Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
N-Channel E nhancement Mode F ield E ffect Transistor
SDM4410 SAMHOP-SDM4410 Datasheet
386Kb / 5P
N-Channel E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
P - Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
P -Channel E nhancement Mode F ield E ffect Transistor
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
N-Channel E nhancement Mode F ield E ffect Transistor
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
Dual P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
P -Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
P -Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com