Electronic Components Datasheet Search
  English  ▼

X  

VI-ARM Datasheet(PDF) 3 Page - Vicor Corporation

Part # VI-ARM
Description  Autoranging Rectifier Modules Up to 1500 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM Datasheet(HTML) 3 Page - Vicor Corporation

  VI-ARM Datasheet HTML 1Page - Vicor Corporation VI-ARM Datasheet HTML 2Page - Vicor Corporation VI-ARM Datasheet HTML 3Page - Vicor Corporation VI-ARM Datasheet HTML 4Page - Vicor Corporation VI-ARM Datasheet HTML 5Page - Vicor Corporation VI-ARM Datasheet HTML 6Page - Vicor Corporation VI-ARM Datasheet HTML 7Page - Vicor Corporation VI-ARM Datasheet HTML 8Page - Vicor Corporation VI-ARM Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VI-ARM™
Rev 4.9
vicorpower.com
Page 3 of 11
06/2017
800 927.9474
VI-ARMx1xx
Electrical Characteristics (Cont.)
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
MTBF
>1,000,000
hours
25˚C, ground benign
Baseplate material
Aluminum
Cover
Kapton insulated aluminum, plastic molded terminal blocks
Pin material
Copper, tin/lead solder dipped (solder pins)
Gold plated nickel copper (Modumate and RoHS)
Weight
1.6 (45)
ounces (grams)
Size
2.28 x 1.45 x 0.5
inches
(57,9 x 36,8 x 12,7)
(mm)
SAFETY SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage (IN to OUT)
None
Isolation provided by DC-DC converter(s)
Dielectric withstand
1,500
VRMS
(I/O to baseplate)
Leakage current
100
µA
No filter
1260
1280
1300
1320
1340
1360
1380
1400
1420
1440
1460
1480
1500
1520
180
190
200
210
220
230
240
250
260
Input Voltage (AC)
630
640
650
660
670
680
690
700
710
720
730
740
750
760
90
95
100
105
110
115
120
125
130
Input Voltage (AC)
Figure 1 — 90 – 130VAC ARMB output power rating
1260
1280
1300
1320
1340
1360
1380
1400
1420
1440
1460
1480
1500
1520
180
190
200
210
220
230
240
250
260
Input Voltage (AC)
630
640
650
660
670
680
690
700
710
720
730
740
750
760
90
95
100
105
110
115
120
125
130
Input Voltage (AC)
Figure 2 — 180 – 260VAC ARMB output power rating
VI-ARMB DERATING
AGENCY APPROVALS
Safety Standards
Agency Markings
Notes
ARM1 xxx
UL60950, EN60950, CSA 60950
cTÜVus
Baseplate earthed, fast acting line fuse,
Bussman ABC10
CE Marked
Low voltage directive
ARM2 xxx
UL60950, EN60950, CSA 60950
cTÜVus
Baseplate earthed, fast acting line fuse,
Bussman ABC15
CE Marked
Low voltage directive



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com