Electronic Components Datasheet Search
  English  ▼

X  

GDZ12LP3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # GDZ12LP3
Description  ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GDZ12LP3 Datasheet(HTML) 3 Page - Diodes Incorporated

  GDZ12LP3 Datasheet HTML 1Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 2Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 3Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 4Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GDZ2V7LP3 - GDZ24LP3
Document number: DS35065 Rev. 18
– 2
3 of 5
www.diodes.com
September 2017
© Diodes Incorporated
GDZ2V7LP3 - GDZ24LP3
0
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 1 Power Derating Curve
A
Note 5
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2 Typical Forward Characteristics
F
T = 25°C
A
T = -55°C
A
T = 50°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Figure 3 Typical Zener Breakdown Characteristics,
GDZ2V7LP3 – GDZ5V1LP3
0
5
10
15
20
0
1
2
3
4
5
6
Vz, ZENER VOLTAGE (V)
GDZ3V9LP3-7
GDZ2V7LP3-7
GDZ3V0LP3-7
GDZ3V6LP3-7
GDZ4V1LP3-7
GDZ4V3LP3-7
GDZ4V7LP3-7
GDZ5V1LP3-7
Figure 4 Typical Zener Breakdown Characteristics,
GDZ6V2LP3 – GDZ24LP3
0
5
10
15
20
5
10
15
20
25
30
Vz, ZENER VOLTAGE (V)
GDZ8V2LP3-7
GDZ6V2LP3-7
GDZ6V8LP3-7
GDZ7V5LP3-7
GDZ12LP3-7
GDZ15LP3-7
GDZ16LP3-7
GDZ22LP3-7
GDZ24LP3-7
1
10
100
1.5
2
2.5
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 5 Typical Reverse Characteristics - GDZ5V1LP3
T = 25°C
A
T = 50°C
A
0
5
10
15
20
0
1
2
3
4
5
V , REVERSE VOLTAGE (V)
R
Figure 6 Typical Total Capacitance – GDZ5V1LP3
f = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com