Electronic Components Datasheet Search
  English  ▼

X  

F13838 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13838
Description  White version with ~91째 wide beam
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13838 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13838 Datasheet HTML 1Page - Ledil, Inc. F13838 Datasheet HTML 2Page - Ledil, Inc. F13838 Datasheet HTML 3Page - Ledil, Inc. F13838 Datasheet HTML 4Page - Ledil, Inc. F13838 Datasheet HTML 5Page - Ledil, Inc. F13838 Datasheet HTML 6Page - Ledil, Inc. F13838 Datasheet HTML 7Page - Ledil, Inc. F13838 Datasheet HTML 8Page - Ledil, Inc. F13838 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT
DATASHEET
F13838_ANGELINA-XW
ANGELINA-XW
White version with ~91° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 82 mm
Height
31 mm
Fastening
socket
Colour
white
Box size
480 x 280 x 300 mm
Box weight
12.3 kg
Quantity in Box
900 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
ANGELINA-XW
Reflector
HRPC
white
Last update: 21/05/2018
Subject to change without prior notice
1/23
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - F13838

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13838 LEDIL-F13838 Datasheet
8Mb / 163P
ANGELINA series
More results

Similar Description - F13838

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCX10855 LEDIL-FCX10855 Datasheet
2Mb / 4P
~50째 wide beam for LUXEON Rebel. Assembly with white holder.
F13841 LEDIL-F13841_18 Datasheet
9Mb / 16P
White version with ~70째 wide beam compatible with BJB connectors
F13839 LEDIL-F13839 Datasheet
9Mb / 15P
White version with ~91째 wide beam compatible with BJB connectors
FA15233 LEDIL-FA15233 Datasheet
5Mb / 5P
~60째 wide beam. Assembly with white holder.
CS16838 LEDIL-CS16838 Datasheet
19Mb / 4P
60째 wide beam. Ingress protected version.
CN16785 LEDIL-CN16785 Datasheet
1Mb / 3P
~80째 wide beam. 4X1 variant in white.
CN16786 LEDIL-CN16786 Datasheet
1Mb / 3P
~80째 wide beam. 28X1 variant in white.
CN16787 LEDIL-CN16787 Datasheet
1Mb / 3P
~50째 wide beam. 28X1 variant in white.
C12469 LEDIL-C12469 Datasheet
3Mb / 11P
White mini reflector with ~80째 wide beam.
CS16839 LEDIL-CS16839 Datasheet
18Mb / 5P
~90째 wide beam. Ingress protected version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com