Electronic Components Datasheet Search
  English  ▼

X  

FA11910 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11910
Description  ~16째 diffused spot beam optimized for CREE XM-L. Assembly with white holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11910 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11910 Datasheet HTML 1Page - Ledil, Inc. FA11910 Datasheet HTML 2Page - Ledil, Inc. FA11910 Datasheet HTML 3Page - Ledil, Inc. FA11910 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA11910_CXM-D
CXM-D
~16° diffused spot beam optimized for CREE
XM-L. Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-CMC-D
Lens
PC
clear
ROSE-HLD-CXM-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11910

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11910 CREE-FA11910 Datasheet
225Kb / 5P
Rose series
More results

Similar Description - FA11910

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10593 LEDIL-CA10593 Datasheet
1Mb / 4P
~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
CP12678 LEDIL-CP12678_16 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for CREE XP-E. Assembly with holder.
FA10677 LEDIL-FA10677 Datasheet
5Mb / 4P
~16째 diffused spot beam optimized for CREE MC-E. Assembly with black holder.
FCA10304 LEDIL-FCA10304 Datasheet
949Kb / 4P
~16째 diffused spot beam optimized for CREE XR-E. Assembly with grey holder.
FCA10936 LEDIL-FCA10936 Datasheet
1Mb / 3P
~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
CP13682 LEDIL-CP13682_18 Datasheet
2Mb / 4P
~20째 spot beam optimized for CREE XM-L RGB. Assembly with holder.
FA11908 LEDIL-FA11908_18 Datasheet
3Mb / 4P
~15째 smooth spot beam optimized for CREE XM-L. Assembly with white holder.
FA11909 LEDIL-FA11909_18 Datasheet
3Mb / 4P
~11째 spot beam optimized for CREE XM-L. Assembly with white holder.
FA11938 LEDIL-FA11938 Datasheet
1Mb / 5P
~14째 diffused spot beam optimized for CREE XM-L
FCN12103 LEDIL-FCN12103 Datasheet
1Mb / 5P
~5째 spot beam with holder optimized for CREE XM-L
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com