Electronic Components Datasheet Search
  English  ▼

X  

FCA10938 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA10938
Description  ~45째 x 15째 oval beam optimized for Nichia NJSx036. Assembly with white holder.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA10938 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA10938 Datasheet HTML 1Page - Ledil, Inc. FCA10938 Datasheet HTML 2Page - Ledil, Inc. FCA10938 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
FCA10938_NIS036-O
NIS036-O
~45° x 15° oval beam optimized for Nichia
NJSx036. Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-A-A-O
Lens
PC
clear
NIS036-HLD
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCA10938

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA10934 LEDIL-FCA10934 Datasheet
1Mb / 3P
~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10935 LEDIL-FCA10935 Datasheet
1Mb / 3P
~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10936 LEDIL-FCA10936 Datasheet
1Mb / 3P
~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10937 LEDIL-FCA10937 Datasheet
1Mb / 3P
~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10939 LEDIL-FCA10939 Datasheet
1Mb / 3P
~50째 wide beam optimized for Nichia NJSx036. Assembly with white holder.
More results

Similar Description - FCA10938

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10594 LEDIL-CA10594 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10596 LEDIL-CA10596 Datasheet
1Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NJSx036. Assembly with white holder.
CA10611 LEDIL-CA10611 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with white holder.
CA12125 LEDIL-CA12125 Datasheet
4Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with black holder.
CA13622 LEDIL-CA13622 Datasheet
2Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA10302 LEDIL-FA10302_18 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10340 LEDIL-FA10340 Datasheet
1Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with 13.5 mm high white holder.
FA11236 LEDIL-FA11236 Datasheet
5Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS9x153. Assembly with black holder.
FCA10935 LEDIL-FCA10935 Datasheet
1Mb / 3P
~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA11160 LEDIL-FCA11160 Datasheet
3Mb / 4P
~13째 x 45째 oval beam optimized for Nichia NJSx036.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com