Electronic Components Datasheet Search
  English  ▼

X  

2W005M Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # 2W005M
Description  Single Phase Silicon Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

2W005M Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  2W005M Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 2W005M Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 2W005M Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 2 A
Features
• Ideal for printed circuit board
• Low forward voltage drop
WOM Package
• Low leakage current
• Types from 50 V up to 400 V VRRM
• Not ESD Sensitive
Mechanical Data
Case: Molded plastic body
Polarity: Color band on body denotes cathode end
Weight: 1.1 grams
Terminals: Plated leads, solderable per MIL-STD-202
Method 208 guaranteed
Single Phase Silicon
Bridge Rectifier
• High temperature soldering guaranteed: 250⁰C/ 10
seconds, 0.375" lead length, .5 lbs (2.3kg) tension
2W005M thru 2W04M
Mounting position: Any
Parameter
Symbol
2W005M
2W01M
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-65 to 125
-65 to 125
°C
Storage temperature
Tstg
-65 to 150
-65 to 150
°C
Parameter
Symbol
2W005M
2W01M
Unit
Maximum average forward
rectified current
IO
22
A
Peak forward surge current
IFSM
60
60
A
Maximum instantaneous
forward voltage drop per bridge
element
1.1
1.1
10
10
500
500
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Ta = 50 °C
22
tp = 8.3 ms, half sine
60
60
-65 to 150
2W04M
10
10
2W02M
-65 to 125
-65 to 125
Conditions
400
280
400
200
IR
Ta= 100 °C
1.1
1.1
500
500
VF
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
Ta = 25 °C
IF = 2 A
Conditions
2W04M
200
140
2W02M
-65 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified
Maximum DC reverse current at
rated DC blocking voltage
Apr 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Similar Part No. - 2W005M

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005M SURGE-2W005M Datasheet
123Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
logo
Taiwan Semiconductor Co...
2W005M TSC-2W005M Datasheet
75Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
2W005M TSC-2W005M Datasheet
262Kb / 2P
Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
TAITRON Components Inco...
2W005M TAITRON-2W005M Datasheet
190Kb / 4P
2.0A Bridge Rectifiers
logo
GOOD-ARK Electronics
2W005M GOOD-ARK-2W005M Datasheet
172Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results

Similar Description - 2W005M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com