Electronic Components Datasheet Search
  English  ▼

X  

SL05T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SL05T3
Description  300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL05T3 Datasheet(HTML) 2 Page - ON Semiconductor

  SL05T3 Datasheet HTML 1Page - ON Semiconductor SL05T3 Datasheet HTML 2Page - ON Semiconductor SL05T3 Datasheet HTML 3Page - ON Semiconductor SL05T3 Datasheet HTML 4Page - ON Semiconductor SL05T3 Datasheet HTML 5Page - ON Semiconductor SL05T3 Datasheet HTML 6Page - ON Semiconductor SL05T3 Datasheet HTML 7Page - ON Semiconductor SL05T3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SL05T1 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 8x20 usec (Note 1)
@ TL ≤ 25°C
Ppk
300
W
IEC 61000–4–2
Level 4
Contact Discharge
Air Discharge
IEC 61000–4–4
EFT
IEC 61000–4–5
Lightning
Vpp
±8
±16
40
12
kV
kV
Amps
Amps
Total Power Dissipation on FR–5 Board (Note 2) @ TA = 25°C
Derate above 25
°C
°PD°
225
1.8
°mW°
mW/
°C
Thermal Resistance Junction to Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina Substrate (Note 3) @ TA = 25°C
Derate above 25
°C
°PD°
300
2.4
°mW
mW/
°C
Thermal Resistance Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
– 55 to +150
°C
Lead Solder Temperature – Maximum (10 Second Duration)
TL
260
°C
1. Non–repetitive current pulse per Figure 2
2. FR–5 = 1.0 x 0.75 x 0.62 in.
3. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
Uni–Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com