Electronic Components Datasheet Search
  English  ▼

X  

MP6507GF Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6507GF
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507GF Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6507GF Datasheet HTML 10Page - Monolithic Power Systems MP6507GF Datasheet HTML 11Page - Monolithic Power Systems MP6507GF Datasheet HTML 12Page - Monolithic Power Systems MP6507GF Datasheet HTML 13Page - Monolithic Power Systems MP6507GF Datasheet HTML 14Page - Monolithic Power Systems MP6507GF Datasheet HTML 15Page - Monolithic Power Systems MP6507GF Datasheet HTML 16Page - Monolithic Power Systems MP6507GF Datasheet HTML 17Page - Monolithic Power Systems MP6507GF Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP6507 –2.7V-TO-15V, 700mA, STEPPER MOTOR DRIVER
MP6507 Rev. 1.05
www.MonolithicPower.com
14
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PCB Layout Guide
The printed circuit board (PCB) should use a
heavy ground-plane. The MP6507 must be
soldered directly onto the board for better
electrical and thermal performance. The sense
resistors should be placed as close as possible
to the part for accurate current detection.
The MP6507 uses an exposed pad, which
provides a path for enhanced thermal dissipation.
The thermal pad should be soldered directly to
copper on the PCB. Thermal vias are often used
to transfer heat to other layers of the PCB.
Top Layer
Bottom Layer
Figure 8: PCB Layout (TSSOP16-EP)
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 5: Design Example
VIN
2.7V-15V
IOUT
500mA
The detailed application schematic is shown in
Figure 9. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
possible applications of this device, please refer
to related Evaluation Board Data Sheets.
Motor
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
Fault
VDD
VIN
MP6507
SENA
WindingA
SENB
RSENB
C4
C2
C1
OFF
ON
RSENA
GND
FAULT
BIN2
AIN1
AIN2
BIN1
0.1uF
100nF
2.2uF
400mO
400mO
nSLEEP
+
C5
C3
100uF
10uF
Figure 9: Detailed Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com