Electronic Components Datasheet Search
  English  ▼

X  

MP6508GF Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6508GF
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508GF Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6508GF Datasheet HTML 4Page - Monolithic Power Systems MP6508GF Datasheet HTML 5Page - Monolithic Power Systems MP6508GF Datasheet HTML 6Page - Monolithic Power Systems MP6508GF Datasheet HTML 7Page - Monolithic Power Systems MP6508GF Datasheet HTML 8Page - Monolithic Power Systems MP6508GF Datasheet HTML 9Page - Monolithic Power Systems MP6508GF Datasheet HTML 10Page - Monolithic Power Systems MP6508GF Datasheet HTML 11Page - Monolithic Power Systems MP6508GF Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP6
508 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6508 Rev.1.0
www.MonolithicPower.com
8
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN16
Pin #
TSSOP16
Pin #
Name
Description
1
3
SENA
Channel A Sense. Connect to current sensor resistor for channel A.
2
4
AOUT2
Connect to motor winding A.
3
5
BOUT2
Connect to motor winding B.
4
6
SENB
Channel B Sense. Connect to current sensor resistor for channel B.
5
7
BOUT1
Connect to motor winding B.
6
8
FAULT
Logic low when in over-temperature fault condition.
7
9
BIN1
Gate signal input to control BOUT1.
8
10
BIN2
Gate signal input to control BOUT2.
9
11
BST
Charge Pump Output. Connect a 10nF-to-100nF ceramic capacitor to VIN
10
12
VIN
Power Supply Input. Ranges from 2.7V to 18V.
11
13
GND
Ground
12
14
VDD
Internal control and logic supply voltage.
13
15
AIN2
Gate signal input to control AOUT2.
14
16
AIN1
Gate signal input to control AOUT1.
15
1
nSLEEP
Sleep Logic Input. Logic low for sleep mode and logic high to enable the
device
16
2
AOUT1
Connect to motor winding A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com