Electronic Components Datasheet Search
  English  ▼

X  

MP6508GR Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6508GR
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508GR Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6508GR Datasheet HTML 5Page - Monolithic Power Systems MP6508GR Datasheet HTML 6Page - Monolithic Power Systems MP6508GR Datasheet HTML 7Page - Monolithic Power Systems MP6508GR Datasheet HTML 8Page - Monolithic Power Systems MP6508GR Datasheet HTML 9Page - Monolithic Power Systems MP6508GR Datasheet HTML 10Page - Monolithic Power Systems MP6508GR Datasheet HTML 11Page - Monolithic Power Systems MP6508GR Datasheet HTML 12Page - Monolithic Power Systems MP6508GR Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP6
508 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6508 Rev.1.0
www.MonolithicPower.com
9
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Gate
Driver
Gate
Driver
Control
Logic
Fault
Report
LDO
Motor
Charge
Pump
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
nSLEEP
Fault
AIN1
AIN2
BIN1
BIN2
VDD
VIN
VIN
VIN
SENA
WindingA
GND
SENB
RSENB
C1
C2
C3
OFF ON
RSENA
0.1uF
10uF
2.2uF
VDD
10kΩ
OCP
OCP
VREF
OCP
OCP
MP6508
VREF
Figure 1: Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com