Electronic Components Datasheet Search
  English  ▼

X  

MP6510 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6510
Description  4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6510 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6510 Datasheet HTML 1Page - Monolithic Power Systems MP6510 Datasheet HTML 2Page - Monolithic Power Systems MP6510 Datasheet HTML 3Page - Monolithic Power Systems MP6510 Datasheet HTML 4Page - Monolithic Power Systems MP6510 Datasheet HTML 5Page - Monolithic Power Systems MP6510 Datasheet HTML 6Page - Monolithic Power Systems MP6510 Datasheet HTML 7Page - Monolithic Power Systems MP6510 Datasheet HTML 8Page - Monolithic Power Systems MP6510 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP6510
4.5V-to-16V,1.2A, Single-Phase
Brushless DC Motor Driver
MP6510 Rev.1.02
www.MonolithicPower.com
1
1/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP6510 is a single-phase, brushless, DC
motor driver with integrated power MOSFETs. It
drives single-phase brushless DC motors. The
input voltage ranges from 4.5V to 16V, with a
maximum
output
current
of
1.2A
at
room
temperature.
The MP6510 controls the rotational speed either
through the input voltage or the PWM signal.
Other
features
include
selectable
minimum
rotational speed, a rotational-speed indicator,
built-in
input
over-voltage
protection,
built-in
locked-rotor
protection,
locked-rotor
state
indicator, thermal shutdown, and 1.2V integrated
Hall bias voltage.
The MP6510 is available in 5.0mm×6.4mm
TSSOP16 package.
FEATURES
 4.5V-to-16V Operating Voltage
 Integrated Power MOSFETs (HS: 370mΩ; LS:
230m
Ω)
 Maximum Output Current 1.2A
 Low Quiescent Current (Not including Hall
Sensor) of 1.4mA
 Speed Control via Input Voltage or PWM
Signal
 Programmable Minimum Speed
 Rotational Speed Indicator
 Locked-Rotor Indicator
 Locked-Rotor Protection and Automatic
Recovery
 Thermal Protection and Automatic Recovery
 Built-in Input OVP and Automatic Recovery
 Hall Bias Voltage(1.2V) Integrated;
 Available in TSSOP16 (5.0×6.4mm) Package
APPLICATIONS
 CPU Fan for Personal Computers or Servers
 Brushless DC Motor Driver
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
P-GND
OUT2
VCC
RMI
VTH
COSC
FG
RD
OUT1
CT
VREF
IN-
HB
IN+
VIN
Hall
Motor
P-GND
S-GND
CIN
D1
CP=100pF
CT=0.47µF
to 1µF
MP6510
GND
R1
R2
R3
R4
R5
R6
VIN
P-GND S-GND


Similar Part No. - MP6510

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6513 MPS-MP6513 Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513GJ MPS-MP6513GJ Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513L MPS-MP6513L Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
MP6513LGJ MPS-MP6513LGJ Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
MP6514 MPS-MP6514 Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
More results

Similar Description - MP6510

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7327 NJRC-NJU7327 Datasheet
188Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7365 NJRC-NJU7365 Datasheet
68Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
Single-phase DC Brushless Motor Driver IC
logo
Monolithic Power System...
MP6505 MPS-MP6505 Datasheet
402Kb / 12P
4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
logo
New Japan Radio
NJU7325R-TE1 NJRC-NJU7325R-TE1 Datasheet
52Kb / 4P
Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com