Electronic Components Datasheet Search
  English  ▼

X  

MP6517 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6517 Datasheet HTML 10Page - Monolithic Power Systems MP6517 Datasheet HTML 11Page - Monolithic Power Systems MP6517 Datasheet HTML 12Page - Monolithic Power Systems MP6517 Datasheet HTML 13Page - Monolithic Power Systems MP6517 Datasheet HTML 14Page - Monolithic Power Systems MP6517 Datasheet HTML 15Page - Monolithic Power Systems MP6517 Datasheet HTML 16Page - Monolithic Power Systems MP6517 Datasheet HTML 17Page - Monolithic Power Systems MP6517 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
14
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Register Table 15
Register Table 16
Register Table 17
Addr: 0x0E
Bit
Bit Name
Access
Default
Description
7:5
Reserved
4:0
SOFF_100
OTP/REG
11111
The electrical angle to turn off the phase transition softly at
100% PWM output duty.
00000 = 1.4°
11111 = 45°
Addr: 0x0F
Bit
Bit Name
Access
Default
Description
7
Reserved
6
PLLEN
OTP/REG
1
Load current zero-crossing PLL function enable bit.
1: enable
0: disable
5:4
RLOCK_SEL
OTP/REG
11
Rotor-lock off-time to detection time ratio selection. Rotor
lock-off timer also determines the OLP retry time.
00 = 1:3 (0.6s/1.8s)
01 = 1:4 (0.6s/2.4s)
10 = 1:5 (0.6s/3.0s)
11 = 1:6 (0.6s/3.6s)
3:0
THETA_E
OTP/REG
0000
The electrical angle delay setting bits between the original
Hall signal positive edge and output current zero-crossing
positive edge. 1° per step.
0000 = 0°
1111 = 15°
Addr: 0x10
Bit
Bit Name
Access
Default
Description
7:3
Reserved
Write this bit to 00000 during OTP programming.
2
FM
REG
0
Factory mode enable.
1:0
Reserved
REG
00
Write this bit to 00 when not in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com