Electronic Components Datasheet Search
  English  ▼

X  

SXLP-1000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXLP-1000
Description  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-1000 Datasheet(HTML) 1 Page - Mini-Circuits

  SXLP-1000 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
1.0
0.02
0.00
51.87
1.0
0.98
60.0
0.06
0.01
41.15
20.0
0.95
200.0
0.14
0.00
30.59
60.0
0.94
500.0
0.27
0.00
21.78
80.0
0.95
800.0
0.39
0.01
22.95
100.0
0.94
1000.0
0.55
0.02
20.52
200.0
0.94
1150.0
0.83
0.14
14.41
300.0
0.95
1200.0
1.67
0.43
6.23
400.0
0.98
1240.0
3.87
0.83
3.05
500.0
1.02
1280.0
6.44
1.00
1.61
600.0
1.04
1350.0
12.86
1.10
0.77
700.0
1.09
1400.0
17.21
1.11
0.60
800.0
1.17
1500.0
25.53
1.12
0.48
900.0
1.27
1620.0
35.31
1.27
0.45
920.0
1.30
1750.0
46.05
1.83
0.45
940.0
1.33
1800.0
52.31
2.67
0.42
960.0
1.37
2000.0
58.20
1.39
0.42
980.0
1.38
2100.0
55.05
1.00
0.39
1000.0
1.40
2300.0
52.86
0.67
0.37
1100.0
1.79
2500.0
50.63
0.42
0.33
1200.0
2.18
REV. A
M151121
EDR-7467/1U
SXLP-1000+
URJ/RAV
170130
Page 1 of 1
50Ω DC to 1000 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
INPUT
1
OUTPUT
8
GROUND
2, 3, 4, 5, 6, 7
Pin Connections
Surface Mount
SXLP-1000+
Low Pass Filter
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
CASE STYLE: HF1139
Typical Frequency Response
Functional Schematic
SXLP-1000+
GROUP DELAY
0
1
2
3
4
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
SXLP-1000+
INSERTION LOSS
0
20
40
60
80
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
SXLP-1000+
RETURN LOSS
0
12
24
36
48
60
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
PASSBAND
fco, MHz
STOPBAND
VSWR (:1)
(MHz)
Nom.
(MHz)
Passband
Stopband
(Loss < 1dB)
(Loss 3dB)
(Loss > 20dB)
(Loss > 40dB)
Typ.
Typ.
DC - 1000
1200
1620 - 2100
2100 - 2500
1.7
18
RF IN
RF OUT
40 dB
20 dB
3 dB
1 dB
FREQUENCY / Fco
DC
0.9 1
1.35
1.75
3
40 dB
20 dB
1 dB
3 dB
20 dB
40 dB
DC
0.9 1 1.35
1.75
2
FREQUENCY / FCO
Permanent damage may occur if any of these limits are exceeded.
Applications
• defense communications
• receivers / transmitters
• harmonic rejection
Features
• high rejection
• sharp cut-off
• shielded package
• aqueous washable
• low cost
Outline Drawing
Demo Board MCL P/N: TB-368
Suggested PCB Layout (PL-230)
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
.44
.74
.27
.200
.07
.060
11.18 18.80
6.86
5.08
1.78
1.52
G
H
J
K
L
M
wt.
.040
.660
.200
.470
.055
.060 grams
1.02 16.76
5.08 11.94
1.40
1.52
3.0
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SXLP-1000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXLP-10 MINI-SXLP-10 Datasheet
364Kb / 1P
Low Pass Filter
SXLP-10+ MINI-SXLP-10+ Datasheet
364Kb / 1P
Low Pass Filter
SXLP-10.7 MINI-SXLP-10.7 Datasheet
363Kb / 1P
Low Pass Filter
SXLP-10.7+ MINI-SXLP-10.7+ Datasheet
363Kb / 1P
Low Pass Filter
More results

Similar Description - SXLP-1000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com