Electronic Components Datasheet Search
  English  ▼

X  

LW-TTSD Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LW-TTSD
Description  white PLCC-2 package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-TTSD Datasheet(HTML) 1 Page - OSRAM GmbH

  LW-TTSD Datasheet HTML 1Page - OSRAM GmbH LW-TTSD Datasheet HTML 2Page - OSRAM GmbH LW-TTSD Datasheet HTML 3Page - OSRAM GmbH LW-TTSD Datasheet HTML 4Page - OSRAM GmbH LW-TTSD Datasheet HTML 5Page - OSRAM GmbH LW-TTSD Datasheet HTML 6Page - OSRAM GmbH LW-TTSD Datasheet HTML 7Page - OSRAM GmbH LW-TTSD Datasheet HTML 8Page - OSRAM GmbH LW-TTSD Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2015-04-30
1
2015-04-30
TOPLED
Datasheet
Version 2.2
LW TTSD
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage, ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
•
Package: white PLCC-2 package, colored
diffused silicone resin
•
Gehäusetyp: weisses PLCC-2 Gehäuse, farbiger
diffuser Silikon-Verguss
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
•
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Dashboard Backlighting
•
Instrumentenbeleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
White Goods Lighting
•
Weiße Ware
•
Reading Lamps
•
Leselampen


Similar Part No. - LW-TTSD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-T673 OSRAM-LW-T673 Datasheet
676Kb / 24P
white PLCC-2 package, colored diffused resin
LW-T676 OSRAM-LW-T676 Datasheet
219Kb / 15P
white P-LCC-2 package, colored diffused resin
LW-T67C OSRAM-LW-T67C Datasheet
609Kb / 23P
white PLCC-2 package, colored diffused resin
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
TOPLED
LW-T6SC OSRAM-LW-T6SC Datasheet
793Kb / 23P
white PLCC-2 package, colored diffused silicone resin
More results

Similar Description - LW-TTSD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWTTSD OSRAM-LWTTSD Datasheet
730Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-E6SC OSRAM-LW-E6SC Datasheet
801Kb / 22P
white PLCC-4 package, colored diffused silicone resin
LW-E6SG OSRAM-LW-E6SG Datasheet
477Kb / 23P
white PLCC-4 package, colored diffused silicone resin
LW-ETSG OSRAM-LW-ETSG Datasheet
642Kb / 23P
white PLCC-4 package, colored diffused silicone resin
LW-T6SC OSRAM-LW-T6SC Datasheet
793Kb / 23P
white PLCC-2 package, colored diffused silicone resin
LW-T6SG OSRAM-LW-T6SG Datasheet
697Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-TVSG.BB OSRAM-LW-TVSG.BB Datasheet
522Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-TVSG.CB OSRAM-LW-TVSG.CB Datasheet
724Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LWWW-G6SG OSRAM-LWWW-G6SG Datasheet
527Kb / 20P
white PLCC-6 package, colored diffused silicone resin
LCB-TVSG OSRAM-LCB-TVSG Datasheet
694Kb / 24P
white PLCC-2 package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com