Electronic Components Datasheet Search
  English  ▼

X  

ISL8274M Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8274M
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274M Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8274M Datasheet HTML 1Page - Renesas Technology Corp ISL8274M Datasheet HTML 2Page - Renesas Technology Corp ISL8274M Datasheet HTML 3Page - Renesas Technology Corp ISL8274M Datasheet HTML 4Page - Renesas Technology Corp ISL8274M Datasheet HTML 5Page - Renesas Technology Corp ISL8274M Datasheet HTML 6Page - Renesas Technology Corp ISL8274M Datasheet HTML 7Page - Renesas Technology Corp ISL8274M Datasheet HTML 8Page - Renesas Technology Corp ISL8274M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
FN8931 Rev.1.00
Page 1 of 81
Jan 4, 2018
FN8931
Rev.1.00
Jan 4, 2018
ISL8274M
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
DATASHEET
The ISL8274M is a complete PMBus enabled DC/DC,
dual-channel, step-down advance power supply, capable
of delivering up to 30A per channel and optimized for
high power density applications.
Operating across an input voltage range of 4.5V to 14V,
the ISL8274M offers adjustable output voltages down to
0.6V and achieves up to 95.5% conversion efficiencies. A
unique ChargeMode™ control architecture provides a
single clock cycle response to an output load step and can
support switching frequencies up to 1.06MHz. The power
module integrates all power and most passive components
and requires only a few external components to operate. A
set of optional external resistors allows the user to easily
configure the device for standard operation. For advanced
configurations, a standard PMBus interface addresses
tasks such as sequencing and fault management, as well as
real-time full telemetry and point-of-load monitoring.
Additionally, the nonvolatile memory can store the desired
custom configuration and settings.
A fully customizable voltage, current, and temperature
protection scheme ensures safe operation for the ISL8274M
under abnormal operating conditions. The device is also
supported by the PowerNavigator™ software, a full digital
power train development environment.
The ISL8274M is available in a low profile, compact
18mmx23mmx7.5mm fully encapsulated, thermally
enhanced HDA package.
Applications
• Server, telecom, storage, and datacom
• Industrial/ATE and networking equipment
• General purpose power for ASIC, FPGA, DSP, and
memory
Features
• Complete digital power supply
• 30A/30A dual-channel output current
• 4.5V to 14V single rail input voltage
• Up to 95.5% efficiency
• Programmable output voltage
• 0.6V to 5V output voltage settings
• ±1.2% accuracy over line/load/temperature
• ChargeMode control loop architecture
• 296kHz to 1.06MHz fixed switching frequency
operations
• No compensation required
• Fast single clock cycle transient response
• PMBus interface and/or pin-strap mode
• Fully programmable through PMBus
• Pin-strap mode for standard settings
• Real-time telemetry for VIN, VOUT, IOUT,
temperature, duty cycle, and fSW
• Advanced soft-start/stop, sequencing, and tracking
• Internal nonvolatile memory
• Complete over/undervoltage, current, and
temperature protections with fault logging
• PowerNavigator supported
• Thermally enhanced 18mmx23mmx7.5mm HDA
package
Related Literature
• For a full list of related documents, visit our website
• ISL8274M product page


Similar Part No. - ISL8274M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8274M RENESAS-ISL8274M Datasheet
2Mb / 73P
Digital DC/DC PMBus 33A Module
More results

Similar Description - ISL8274M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
December 3, 2012
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
logo
Linear Technology
LTC3826 LINER-LTC3826_15 Datasheet
479Kb / 36P
30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
30A IQ Synchronous Step-Down Controller
logo
Intersil Corporation
ISL8273MAIRZ INTERSIL-ISL8273MAIRZ Datasheet
1Mb / 54P
80A Single Channel Digital PMBus Step-Down Power Module
March 16, 2016
logo
Linear Technology
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
logo
Renesas Technology Corp
ISL8273M RENESAS-ISL8273M Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
Dual 15A/Single 30A Step-Down Power Module
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com