Electronic Components Datasheet Search
  English  ▼

X  

ISL8702A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8702A
Description  Adjustable Delay to Subsequent Enable Signal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8702A Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8702A Datasheet HTML 1Page - Renesas Technology Corp ISL8702A Datasheet HTML 2Page - Renesas Technology Corp ISL8702A Datasheet HTML 3Page - Renesas Technology Corp ISL8702A Datasheet HTML 4Page - Renesas Technology Corp ISL8702A Datasheet HTML 5Page - Renesas Technology Corp ISL8702A Datasheet HTML 6Page - Renesas Technology Corp ISL8702A Datasheet HTML 7Page - Renesas Technology Corp ISL8702A Datasheet HTML 8Page - Renesas Technology Corp ISL8702A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL8700A, ISL8701A, ISL8702A, ISL8703A, ISL8704A, ISL8705A
FN6381 Rev 1.00
Page 2 of 12
July 24, 2014
Absolute Maximum Ratings
Thermal Information
VIN, ENABLE(#), FAULT . . . . . . . . . . . . . . . . . . . . . . . 27V, to -0.3V
TIME, TB, TC, TD, UV, OV . . . . . . . . . . . . . . . . . . . . . +6V, to -0.3V
SEQ_EN(#) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN+0.3V, to -0.3V
ENABLE, ENABLE # Output Current . . . . . . . . . . . . . . . . . . . 10mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Range (Nominal). . . . . . . . . . . . . . . . . . 3.3V to 24V
Thermal Resistance (Typical, Note 2)
JA (°C/W)
14 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
2.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Nominal VIN = 3.3V to +24V, TA = TJ = -40°C to+85°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UV AND OV INPUTS
UV/OV Rising Threshold
VUVRvth
1.16
1.21
1.28
V
UV/OV Falling Threshold
VUVFvth
1.06
1.10
1.18
V
UV/OV Hysteresis
VUVhys
VUVRvth - VUVFvth
-104
-
mV
UV/OV Input Current
IUV
-10
-
nA
TIME, ENABLE/ENABLE# OUTPUTS
TIME Pin Charging Current
ITIME
-2.6
-
A
TIME Pin Threshold
VTIME_VTH
1.9
2.0
2.25
V
Time from VIN Valid to ENABLE_A
tVINSEQpd
SEQ_EN = high, CTIME = open
-
30
-
s
tVINSEQpd_10 SEQ_EN = high, CTIME = 10nF
-
7.7
-
ms
tVINSEQpd500 SEQ_EN = high, CTIME = 500nF
-
435
-
ms
Time from VIN Invalid to Shutdown
tshutdown
UV or OV to simultaneous shutdown
-
-
1
s
ENABLE Output Resistance
REN
IENABLE = 1mA
-100
-
ENABLE Output Low
Vol
IENABLE = 1mA
-0.1
-
V
ENABLE Pull-down Current
Ipulld
ENABLE = 1V
10
15
-
mA
Delay to Subsequent ENABLE Turn-on/off
tdel_120
RTX = 120k
155
195
240
ms
tdel_3
RTX = 3k
3.5
4.7
6
ms
tdel_0
RTX = 0
-0.5
-
ms
SEQUENCE ENABLE AND FAULT I/O
VIN Valid to FAULT Low
tFLTL
15
30
50
s
VIN Invalid to FAULT High
tFLTH
-0.5
-
s
FAULT Pull-down Current
FAULT = 1V
10
15
-
mA
SEQ_EN Pull-up Voltage
VSEQ
SEQ_EN open
-
2.4
-
V
SEQ_EN Low Threshold Voltage
VilSEQ_EN
--
0.3
V
SEQ_EN High Threshold Voltage
VihSEQ_EN
1.2
-
-
V
Delay to ENABLE_A Deasserted
tSEQ_EN_ENA SEQ_EN low to ENABLE_A low
-
0.2
1
s
BIAS
IC Supply Current
IVIN_3.3V
VIN = 3.3V
-
191
-
A
IVIN_12V
VIN = 12V
-
246
400
A
IVIN_24V
VIN = 24V
-
286
-
A
VIN Power On Reset
VIN_POR
VIN low to high
-
2.3
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com