Electronic Components Datasheet Search
  English  ▼

X  

K13 Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # K13
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

K13 Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  K13 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. K13 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - K13

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
K13 SAMYANG-K13 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
logo
Daniels Manufacturing C...
K13-1 DMC-K13-1 Datasheet
38Kb / 1P
ENVELOPE DRAWING M22520/2-08 POSITIONER
REV.2
K13-1-ENV DMC-K13-1-ENV Datasheet
38Kb / 1P
ENVELOPE DRAWING M22520/2-08 POSITIONER
REV.2
K13-1. DMC-K13-1. Datasheet
38Kb / 1P
ENVELOPE DRAWING M22520/2-08 POSITIONER
REV.2
logo
List of Unclassifed Man...
K130 ETC1-K130 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
More results

Similar Description - K13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
SUNMATE electronic Co.,...
SM120 SUNMATE-SM120 Datasheet
155Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifiers
SM5817 SUNMATE-SM5817 Datasheet
258Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifiers
SS12 SUNMATE-SS12 Datasheet
120Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com