Electronic Components Datasheet Search
  English  ▼

X  

LCB-T67S Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCB-T67S
Description  white PLCC-2 package, colored diffused resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCB-T67S Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCB-T67S Datasheet HTML 8Page - OSRAM GmbH LCB-T67S Datasheet HTML 9Page - OSRAM GmbH LCB-T67S Datasheet HTML 10Page - OSRAM GmbH LCB-T67S Datasheet HTML 11Page - OSRAM GmbH LCB-T67S Datasheet HTML 12Page - OSRAM GmbH LCB-T67S Datasheet HTML 13Page - OSRAM GmbH LCB-T67S Datasheet HTML 14Page - OSRAM GmbH LCB-T67S Datasheet HTML 15Page - OSRAM GmbH LCB-T67S Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2017-01-24
12
Version 2.2 - OS-PCN-2016-012-A
LCB T67S CoD blue IB
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 85 °C
40
20
0
0
100
80
60
˚C
T
IF
mA
OHL02167
TA
TS
A
T
TS temp. solder point
temp. ambient
5
10
15
20
OHL02165
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16
OHL02165
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com