Electronic Components Datasheet Search
  English  ▼

X  

LCW-CQ7P.CC Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LCW-CQ7P.CC
Description  SMD ceramic package with silicon resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQ7P.CC Datasheet(HTML) 2 Page - OSRAM GmbH

  LCW-CQ7P.CC Datasheet HTML 1Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 2Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 3Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 4Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 5Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 6Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 7Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 8Page - OSRAM GmbH LCW-CQ7P.CC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2011-03-23
2
Released
LCW CQ7P.CC
Bestellinformation
Ordering Information
Typ
Type
Farb-
temperatur
color
temperature
Lichtstrom
1) Seite 22
Luminous
Flux
1) page 22
I
F = 350 mA
Φ
V(lm)
Lichtstärke
2) Seite 22
Luminous
Intensity
2) page 22
I
F = 350 mA
I
V (cd)
Bestellnummer
Ordering Code
LCW CQ7P.CC-JUKQ-5U8X-1
LCW CQ7P.CC-JTKP-5U8X-1
2700 K
65.8 ... 82.0
61.0 ... 76.3
41.0 (typ.)
38.0 (typ.)
Q65111A1107
Q65111A1170
LCW CQ7P.CC-KPKR-5R8T-1
LCW CQ7P.CC-JUKQ-5R8T-1
3000 K
71.0 ... 89.2
65.8 ... 82.0
45.0 (typ.)
41.0 (typ.)
Q65111A0844
Q65111A1171
LCW CQ7P.CC-KQKS-5O8Q-1
LCW CQ7P.CC-KPKR-5O8Q-1
3500 K
76.3 ... 97.0
71.0 ... 89.2
48.5 (typ.)
45.0 (typ.)
Q65111A0857
Q65111A0845
LCW CQ7P.CC-KQKS-5L7N-1
LCW CQ7P.CC-KPKR-5L7N-1
4000 K
76.3 ... 97.0
71.0 ... 89.2
48.5 (typ.)
45.0 (typ.)
Q65111A0859
Q65111A0848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com