Electronic Components Datasheet Search
  English  ▼

X  

STV8226 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STV8226
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8226 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STV8226 Datasheet HTML 78Page - STMicroelectronics STV8226 Datasheet HTML 79Page - STMicroelectronics STV8226 Datasheet HTML 80Page - STMicroelectronics STV8226 Datasheet HTML 81Page - STMicroelectronics STV8226 Datasheet HTML 82Page - STMicroelectronics STV8226 Datasheet HTML 83Page - STMicroelectronics STV8226 Datasheet HTML 84Page - STMicroelectronics STV8226 Datasheet HTML 85Page - STMicroelectronics STV8226 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
Input/Output Groups
STV82x6
82/97
10
Input/Output Groups
Pin numbers apply to SDIP package only.
VDDH
5K
GNDIF
VREFIF
1
SIF
VDDH
500
GNDIF
2
VTOP
160
VDDIF
VDDH
6K
GNDIF
3
VREFIF
30K
BGAP(1.2V)
VDDH
400
GNDIF
6
MONOIN
22K
VREFIF
VDDA
VDDH
300
GNDA
8
AO1R
2K
19
AO2L
20
AO2R
7
AO1L
VDDH
GNDA
VDDH
GNDA
27
LSR
2K
28
SW
29
HPL
26
LSL
VDDH
GNDA
30
HPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com