Electronic Components Datasheet Search
  English  ▼

X  

LCW-CQ7P.PC Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LCW-CQ7P.PC
Description  SMD ceramic package with silicon resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQ7P.PC Datasheet(HTML) 2 Page - OSRAM GmbH

  LCW-CQ7P.PC Datasheet HTML 1Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 2Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 3Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 4Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 5Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 6Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 7Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 8Page - OSRAM GmbH LCW-CQ7P.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2011-03-23
2
Released
LCW CQ7P.PC
Bestellinformation
Ordering Information
Typ
Type
Farb-
temperatur
color
temperature
Lichtstrom
1) Seite 21
Luminous
Flux
1) page 21
I
F = 350 mA
Φ
V(lm)
Lichtstärke
2) Seite 21
Luminous
Intensity
2) page 21
I
F = 350 mA
I
V (cd)
Bestellnummer
Ordering Code
LCW CQ7P.PC-KTLP-5L7N-1
LCW CQ7P.PC-KSKU-5L7N-1
4000 K
97.0... 121.0
89.2 ... 112.0
61.0 (typ.)
56.0 (typ.)
Q65111A0794
on request
LCW CQ7P.PC-KULQ-5J7K-1
LCW CQ7P.PC-KTLP-5J7K-1
4500 K
104.2... 130.0
97.0... 121.0
66.0 (typ.)
61.0 (typ.)
Q65111A0800
Q65111A0796
LCW CQ7P.PC-KULQ-5H7I-1
LCW CQ7P.PC-KTLP-5H7I-1
5000 K
104.2... 130.0
97.0... 121.0
66.0 (typ.)
61.0 (typ.)
Q65111A0812
Q65111A0799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com