Electronic Components Datasheet Search
  English  ▼

X  

FAN73932 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN73932
Description  Half-Bridge Gate Drive IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN73932 Datasheet(HTML) 2 Page - ON Semiconductor

  FAN73932 Datasheet HTML 1Page - ON Semiconductor FAN73932 Datasheet HTML 2Page - ON Semiconductor FAN73932 Datasheet HTML 3Page - ON Semiconductor FAN73932 Datasheet HTML 4Page - ON Semiconductor FAN73932 Datasheet HTML 5Page - ON Semiconductor FAN73932 Datasheet HTML 6Page - ON Semiconductor FAN73932 Datasheet HTML 7Page - ON Semiconductor FAN73932 Datasheet HTML 8Page - ON Semiconductor FAN73932 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73932 • Rev. 1.0.1
February 2010
FAN73932
Half-Bridge Gate Drive IC
Features
Floating Channel for Bootstrap Operation to +600V
Typically 2.5A/2.5A Sourcing/Sinking Current Driving
Capability
Extended Allowable Negative VS Swing to -9.8V for
Signal Propagation at VBS=15V
High-Side Output in Phase of IN Input Signal
3.3V and 5V Input Logic Compatible
Matched Propagation Delay for Both Channels
Built-in Shutdown Function
Built-in UVLO Functions for Both Channels
Built-in Common-Mode dv/dt Noise Canceling Circuit
Internal 400ns Minimum Dead-Time
Applications
High-Speed Power MOSFET and IGBT Gate Driver
Induction Heating
High-Power DC-DC Converter
Synchronous Step-Down Converter
Motor Drive Inverter
Description
The FAN73932 is a half-bridge, gate-drive IC with shut-
down and dead-time functions which can drive high-
speed MOSFETs and IGBTs that operate up to +600V. It
has a buffered output stage with all NMOS transistors
designed for high pulse current driving capability and
minimum cross-conduction.
Fairchild’s high-voltage process and common-mode
noise canceling techniques provide stable operation of
the high-side driver under high dv/dt noise circum-
stances. An advanced level-shift circuit offers high-side
gate driver operation up to VS=-9.8V (typical) for
VBS=15V.
The UVLO circuit prevents malfunction when VDD and
VBS are lower than the specified threshold voltage.
The high-current and low-output voltage drop feature
makes this device suitable for all kinds of half- and full-
bridge inverters, like motor drive inverter, switching
mode power supply, induction heating, and high-power
DC-DC converter applications.
Ordering Information
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
8-SOP
Part Number
Package
Operating
Temperature Range
Eco Status
Packing Method
FAN73932M
8-SOP
-40°C to +125°C
RoHS
Tube
FAN73932MX
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com