Electronic Components Datasheet Search
  English  ▼

X  

LCW-G6SP Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LCW-G6SP
Description  white P-LCC-6 package, colored diffused silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6SP Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LCW-G6SP Datasheet HTML 12Page - OSRAM GmbH LCW-G6SP Datasheet HTML 13Page - OSRAM GmbH LCW-G6SP Datasheet HTML 14Page - OSRAM GmbH LCW-G6SP Datasheet HTML 15Page - OSRAM GmbH LCW-G6SP Datasheet HTML 16Page - OSRAM GmbH LCW-G6SP Datasheet HTML 17Page - OSRAM GmbH LCW-G6SP Datasheet HTML 18Page - OSRAM GmbH LCW-G6SP Datasheet HTML 19Page - OSRAM GmbH LCW-G6SP Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
2010-03-16
16
LCW G6SP
Empfohlenes Lötpaddesign
8) 9) Seite 21
Reflow Löten
Recommended Solder Pad
8) 9) page 21
Reflow Soldering
Anm.: Das Gehäuse ist für Ultraschallreinigung nicht geeignet
Note: Package not suitalbe for ultra sonic cleaning
Package
marking
0.6 (0.024)
Lötstopplack
Solder resist
0.35 (0.014)
A
A
min 9 mm per anode pad for
improved heat dissipation
A
A
2
0.8 (0.031)
OHLP4927
0.35 (0.014)
0.8 (0.031)
Package
marking
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com