Electronic Components Datasheet Search
  English  ▼

X  

LCW-H9GP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCW-H9GP
Description  SMD epoxy package with silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-H9GP Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCW-H9GP Datasheet HTML 2Page - OSRAM GmbH LCW-H9GP Datasheet HTML 3Page - OSRAM GmbH LCW-H9GP Datasheet HTML 4Page - OSRAM GmbH LCW-H9GP Datasheet HTML 5Page - OSRAM GmbH LCW-H9GP Datasheet HTML 6Page - OSRAM GmbH LCW-H9GP Datasheet HTML 7Page - OSRAM GmbH LCW-H9GP Datasheet HTML 8Page - OSRAM GmbH LCW-H9GP Datasheet HTML 9Page - OSRAM GmbH LCW-H9GP Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
2017-06-06
6
Version 1.4
LCW H9GP
Color Chromaticity Groups 2) page 25
Farbortgruppen 2) Seite 25
Chromaticity Coordinate Groups 2) page 25
Farbortgruppen 2) Seite 25
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
4J
0.3500
0.3375
8O
0.3970
0.3934
7T
0.4386
0.4048
0.3512
0.3465
0.3997
0.4015
0.4430
0.4138
0.3574
0.3427
0.4067
0.3982
0.4468
0.4077
0.3591
0.3522
0.4097
0.4065
0.4515
0.4168
5J
0.3512
0.3465
9O
0.3997
0.4015
8T
0.4430
0.4138
0.3524
0.3555
0.4023
0.4097
0.4474
0.4228
0.3591
0.3522
0.4097
0.4065
0.4515
0.4168
0.3608
0.3616
0.4128
0.4148
0.4562
0.4260
6J
0.3524
0.3555
4P
0.3945
0.3648
9T
0.4474
0.4228
0.3536
0.3646
0.3975
0.3731
0.4519
0.4319
0.3608
0.3616
0.4027
0.3687
0.4562
0.4260
0.3625
0.3711
0.4061
0.3773
0.4609
0.4352
OHA03621
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.26
480
460
470
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.24
J
K
L
M
N
O
P
Q
R
U V
T
S
W X
4
5
7
6
8
4
5
6
7
8
9
4500 K
4000 K
3500 K
3000 K
2700 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com