Electronic Components Datasheet Search
  English  ▼

X  

LCW-W5KM Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCW-W5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5KM Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCW-W5KM Datasheet HTML 4Page - OSRAM GmbH LCW-W5KM Datasheet HTML 5Page - OSRAM GmbH LCW-W5KM Datasheet HTML 6Page - OSRAM GmbH LCW-W5KM Datasheet HTML 7Page - OSRAM GmbH LCW-W5KM Datasheet HTML 8Page - OSRAM GmbH LCW-W5KM Datasheet HTML 9Page - OSRAM GmbH LCW-W5KM Datasheet HTML 10Page - OSRAM GmbH LCW-W5KM Datasheet HTML 11Page - OSRAM GmbH LCW-W5KM Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2009-11-02
8
LCW W5KM
Farbtemperatur 3500 K
Color temperature 3500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4O
0.386
0.361
4P
0.394
0.365
4Q
0.403
0.369
0.389
0.369
0.398
0.373
0.406
0.377
0.398
0.373
0.406
0.377
0.415
0.381
0.394
0.365
0.403
0.369
0.411
0.373
5O
0.389
0.369
5P
0.398
0.373
5Q
0.406
0.377
0.392
0.377
0.401
0.381
0.410
0.386
0.401
0.381
0.410
0.386
0.419
0.390
0.398
0.373
0.406
0.377
0.415
0.381
6O
0.392
0.377
6P
0.401
0.381
6Q
0.410
0.386
0.394
0.385
0.404
0.390
0.413
0.394
0.404
0.390
0.413
0.394
0.422
0.399
0.401
0.381
0.410
0.386
0.419
0.390
7O
0.394
0.385
7P
0.404
0.390
7Q
0.413
0.394
0.397
0.393
0.407
0.398
0.416
0.403
0.407
0.398
0.416
0.403
0.426
0.408
0.404
0.390
0.413
0.394
0.422
0.399
8O
0.397
0.393
8P
0.407
0.398
8Q
0.416
0.403
0.400
0.401
0.410
0.406
0.420
0.412
0.410
0.408
0.420
0.412
0.430
0.417
0.407
0.398
0416
0.403
0.426
0.408
9O
0.400
0.401
9P
0.410
0.406
9Q
0.420
0.412
0.402
0.410
0.413
0.415
0.423
0.420
0.413
0.415
0.423
0.420
0.434
0.425
0.410
0.406
0.420
0.412
0.430
0.417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com