Electronic Components Datasheet Search
  English  ▼

X  

C10971 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10971
Description  ~20째 spot beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10971 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10971 Datasheet HTML 1Page - Ledil, Inc. C10971 Datasheet HTML 2Page - Ledil, Inc. C10971 Datasheet HTML 3Page - Ledil, Inc. C10971 Datasheet HTML 4Page - Ledil, Inc. C10971 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C10971_GT4-S
GT4-S
~20° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35 mm
Height
9 mm
Fastening
pin, glue
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
864 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
GT4-S
Lens array
PMMA
clear
Last update: 08/03/2014
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C10971

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10972 LEDIL-C10972 Datasheet
1Mb / 4P
~30째 medium beam
C10973 LEDIL-C10973 Datasheet
1Mb / 5P
~40째 wide beam
C10974 LEDIL-C10974 Datasheet
2Mb / 4P
~55째 wide beam
logo
Cree, Inc
C10975 CREE-C10975 Datasheet
97Kb / 2P
Gt4 series
logo
Ledil, Inc.
C10975 LEDIL-C10975 Datasheet
1Mb / 6P
~55째 wide beam
More results

Similar Description - C10971

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10588 LEDIL-C10588 Datasheet
2Mb / 4P
~20째 spot beam
F13325 LEDIL-F13325 Datasheet
15Mb / 33P
~20째 spot beam
FN14637 LEDIL-FN14637_18 Datasheet
15Mb / 15P
~20째 spot beam
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
F16884 LEDIL-F16884 Datasheet
2Mb / 4P
~20째 spot beam.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
C10921 LEDIL-C10921 Datasheet
1Mb / 6P
~20째 spot beam
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
~20째 spot beam. Variant made from PC.
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com