Electronic Components Datasheet Search
  English  ▼

X  

FMBBRAIL Datasheet(PDF) 4 Page - Schurter Inc.

Part # FMBBRAIL
Description  AC Filter 2-Stage, DIN Rail Mounting, Very Broad Band Attenuation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBBRAIL Datasheet(HTML) 4 Page - Schurter Inc.

  FMBBRAIL Datasheet HTML 1Page - Schurter Inc. FMBBRAIL Datasheet HTML 2Page - Schurter Inc. FMBBRAIL Datasheet HTML 3Page - Schurter Inc. FMBBRAIL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1-Phase Line Filters
FMBB RAIL
https://www.schurter.com /PG84
EMC Products
Attenuation Loss. . . . . 0.1/100Ω differential mode
........... 100/0.1
Ω differential mode - - - - 50Ω differential mode _____ 50Ω common mode
Standard version
1 A (S1)
2 A (S1)
3 A (S1)
3 A (S2)
6 A (S2)
10 A (S2)
Industrial version
4 A (S1)
6 A (S1)
All Variants
Rated Cur-
rent [A]
Filter-Type
Leakage Cur-
rent [mA] 1)
L [mH]
C1 (X2)
[nF]
C2 (Y2)
[nF]
C3 (Y2)
[nF]
C4 (Y2)
[nF]
R [M
Ω]
Diagram
Weight
[g]
Screw clamps
[mm2] 2)
Order Number
1
Standard Version
0.25
2 x 15
100
1.5
1
470
1
S1
340g
4
5500.2263
█
2
Standard Version
0.25
2 x 10
100
1.5
1
470
1
S1
375g
4
5500.2264
█
3
Standard Version
0.25
2 x 12
100
1.5
1
680
1
S1
415g
4
5500.2265
█
3
Standard Version
0.25
2 x 2
100
1.5
1
100
1
S2
355g
4
5500.2268
4
Industrial Version
1.5
2 x 10
100
10
4.7
680
1
S1
435g
4
5500.2266
6
Standard Version
0.25
2 x 0.8
100
1.5
1
100
1
S2
355g
4
5500.2269
█
6
Industrial Version
1.5
2 x 6
100
10
4.7
680
1
S1
485g
4
5500.2267
█
10
Standard Version
0.25
2 x 0.4
100
1.5
1
100
1
S2
370g
4
5500.2270
█
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) Leakage current acc. IEC60950 - 5.2.3 - Annex D (situation when neutral is interrupted)
2) Maximum conductor cross section (wire gauge) to be used; a comparative table for AWG and mm² values can be found in the general product information www.schurter.
com/emc_info
Packaging unit
5 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com