Electronic Components Datasheet Search
  English  ▼

X  

FSW Datasheet(PDF) 3 Page - Schurter Inc.

Part # FSW
Description  AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSW Datasheet(HTML) 3 Page - Schurter Inc.

  FSW_17 Datasheet HTML 1Page - Schurter Inc. FSW_17 Datasheet HTML 2Page - Schurter Inc. FSW_17 Datasheet HTML 3Page - Schurter Inc. FSW_17 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
1-Phase Line Filters
FSW
https://www.schurter.com /PG84
EMC Products
Case FF with quick connect terminals
143±0.3
48 max.
6.1
(32.5)
(130)
(12)
±0.3
(12)
(157)
2)
1)
6.3x0.8
1) Line
2) Load
Case FF with screw terminals
143±0.3
48 max.
6.1
(32.5)
(130)
(15)
(12)
±0.3
(12)
(156)
2)
1)
164 max.
3)
4)
1) Line
2) Load
3) Lock-nut do not unscrew
4) Nut torque 0.85...1 Nm, keep lock-nut fastened
Diagrams
Standard version
1)
2)
1) Line
2) Load
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
3 A
6 A
10 A
16 A
20 A
24 A
25 A
36 A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com