Electronic Components Datasheet Search
  English  ▼

X  

MCS30 Datasheet(PDF) 4 Page - Schurter Inc.

Part # MCS30
Description  Metal Switch Short Stroke Ring Illuminated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS30 Datasheet(HTML) 4 Page - Schurter Inc.

  MCS30_18 Datasheet HTML 1Page - Schurter Inc. MCS30_18 Datasheet HTML 2Page - Schurter Inc. MCS30_18 Datasheet HTML 3Page - Schurter Inc. MCS30_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Metal Line Switches
MCS 30
https://www.schurter.com /PG70
Switches
Housing Material
Finger guide
Material
Actuator Material
Lettering
Illumination, LED
Config. Code
Bestellnummer
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
Ring Illumination, white, 24 VDC
MCS 30 RI
1241.6437
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
Ring Illumination, multicolor, 5 - 28 VDC
MCS 30 RI
1241.6454
█
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
Ring Illumination, RGY, 5 - 28 VDC
MCS 30 RI
1241.6455
█
Stainless Steel
Stainless
Steel
Stainless Steel
lettering possible
Ring Illumination, multicolor, 5 - 28 VDC
MCS 30 RI
1241.6456
█
The MCS 30 switch versions "Lettering possible" can be lettered according to the lettering indices.
The MOQ for standard laser lettering on standard variants is 10 pieces.
The contact material is silver
Terminal: wire 200 mm
Nut with gasket are enclosed in the box.
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
20 in cardboard box packed in air cushion bag
- Actuating elements in ESD safe packaging
- Screw nuts and sealing rings in a bag (enclosd in the box)
Accessories
Description
Power Supply
Power Supply IP42 for LED- and Illumination applications indoor 90~264 VAC => 24 VDC 0.34 A 8 W
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com