Electronic Components Datasheet Search
  English  ▼

X  

MP6536DU Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6536DU
Description  26V, 5.5A 3-Channel Half-Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6536DU Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6536DU Datasheet HTML 2Page - Monolithic Power Systems MP6536DU Datasheet HTML 3Page - Monolithic Power Systems MP6536DU Datasheet HTML 4Page - Monolithic Power Systems MP6536DU Datasheet HTML 5Page - Monolithic Power Systems MP6536DU Datasheet HTML 6Page - Monolithic Power Systems MP6536DU Datasheet HTML 7Page - Monolithic Power Systems MP6536DU Datasheet HTML 8Page - Monolithic Power Systems MP6536DU Datasheet HTML 9Page - Monolithic Power Systems MP6536DU Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP6536 - 26V, 5.5A 3-CHANNEL POWER HALF-BRIDGE
MP6536 Rev. 1.01
www.MonolithicPower.com
6
5/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
31, 32
LS3
Low-Side Source Connection of SW3.
33
BST3
Bootstrap Supply. BST3 powers the high-side gate of the SW3 stage. Connect a
capacitor (
0.1μF or greater) between BST3 and SW3.
34
VDR2
Gate Drive Supply Bypass. The voltage at VDR2 is supplied from an internal regulator
from VSP. VDR2 powers the internal circuitry and internal MOSFET gate drive for the SW3
output stage. Bypass VDR2 to PGND with
a 0.1μF to 10μF capacitor.
35, 36
AGND
Analog Ground.
37
VDR1
Gate Drive Supply Bypass. The voltage at VDR1 is supplied from an internal regulator
from VSP. VDR1 powers the internal circuitry and internal MOSFET gate drive for the SW1
and SW2 output stages. Bypass VDR1 to P
GND with a 0.1μF to 10μF capacitor.
38
BST2
Bootstrap Supply. BST2 powers the high-side gate of the SW2 stage. Connect a
capacitor (
0.1μF or greater) between BST2 and SW2.
39,40
LS2
Low-Side Source Connection of the SW2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com