Electronic Components Datasheet Search
  English  ▼

X  

MP6570 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6570
Description  PMSM FOC Controller With High Accuracy Angular Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6570 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6570 Datasheet HTML 1Page - Monolithic Power Systems MP6570 Datasheet HTML 2Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP6570
PMSM FOC Controller With
High Accuracy Angular Sensor
MP6570 Rev.0.1
www.MonolithicPower.com
1
04/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6570 is a high performance controller
using field-oriented-control (FOC) method and
accurate on-chip angular sensor. It is used in
applications with 3-phase PMSM and BLDC
motors.
The FOC control, widely used and perfect to get
high performances of motors, provides higher
dynamic response, lower torque ripple and higher
efficiency. MP6570 can be operated in position
control or speed control mode or torque control
mode. The reference command come from digital
interface input or external single input signal either
in clock or PWM input. The motor 3-phase current
is sampled and digitalized to the current/torque
control loop by 10-bit ADC. With FOC algorithm,
the motor 3-phase winding voltage is modulated
through SVPWM module which has up to 12-bit
resolution at 40 kHz switching frequency.
The on-chip angular sensor is using MPS high
speed & accuracy angular sensor as rotor position
and speed feedback. It has up to 500kHz data
refresh rate and 10-bit position resolution which is
perfect to BLDC & PMSM motor control especially
in the applications , i.e., high speed control and
high position accuracy servo.
MP6570 has non-volatile memory which is flexible
for parameters program through standard I2C
interface. In addition, all control and design with
MP6570 can be easily done with MPS GUI
Software.
The MP6570 has robust failure mode protection
including over-current protection, over current
protection, over temperature protection and input
bus over-voltage and over-current protection. The
MP6570 is available in QFN4x4-32 package.
Please email “mp6570info@monolithicpower.com” for more 
information.
FEATURES
 3.3V Operating Supply Voltage
 Flexible Configuration Methods
1) Internal Non-Volatile Memory
2) Standard I2C Interface
 On-chip Angular Sensor
 FOC Controll Method
 Postion/Speed/Torque Control Mode
 Support Both Single Input or I2C Digital Input
For Reference
 Energy Recycle Braking Mode
 10-bit ADC current sample&hold Circuits
 Support Local Accurate Crystal Oscillator
 Input Bus Over-Current and Over-Voltage
Protection
 Low-Power Standby Mode
 Locked Rotor Detection and Restart
 Programmable Over-Current Limit Threshold
 Over-Thermal Protection
 Available in QFN4x4-32
APPLICATIONS
PMSM Motor, BLDC Motor
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP6570

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6570GR MPS-MP6570GR Datasheet
1Mb / 55P
3-Phase BLDC Controller with a High-Accuracy Angular Sensor
Rev. 1.0
More results

Similar Description - MP6570

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
Precision Angular Rate Sensor
REV. D
logo
Micronas
HAL3736DJ-A MICRONAS-HAL3736DJ-A Datasheet
141Kb / 2P
Second-Generation 3D HAL짰 Sensor Family with Superior Angular Accuracy
logo
IC-Haus GmbH
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
ANGULAR HALL SENSOR
logo
Littelfuse
55250 LITTELFUSE-55250 Datasheet
2Mb / 2P
55250 Angular Displacement Sensor
logo
Microchip Technology
AN1078 MICROCHIP-AN1078 Datasheet
2Mb / 30P
PMSM Sensorless motor FOC control
01/02/08
logo
TRINAMIC Motion Control...
TMC6100 TRINAMIC-TMC6100 Datasheet
1Mb / 41P
PMSM FOC drives and BLDC motors
logo
Standex Electronics, In...
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
Angular Position Sensor
Rev ACA
MFM7-APS090-LACD4 STANDEX-MFM7-APS090-LACD4 Datasheet
747Kb / 3P
Angular Position Sensor
Rev ADB
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
Angular Position Sensor
Rev ADB
MFM7-APS360-LACD4 STANDEX-MFM7-APS360-LACD4 Datasheet
752Kb / 3P
Angular Position Sensor
Rev ADB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com