Electronic Components Datasheet Search
  English  ▼

X  

MP9518 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9518
Description  Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9518 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9518 Datasheet HTML 6Page - Monolithic Power Systems MP9518 Datasheet HTML 7Page - Monolithic Power Systems MP9518 Datasheet HTML 8Page - Monolithic Power Systems MP9518 Datasheet HTML 9Page - Monolithic Power Systems MP9518 Datasheet HTML 10Page - Monolithic Power Systems MP9518 Datasheet HTML 11Page - Monolithic Power Systems MP9518 Datasheet HTML 12Page - Monolithic Power Systems MP9518 Datasheet HTML 13Page - Monolithic Power Systems MP9518 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP9518
–SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP9518 Rev.1.0
www.MonolithicPower.com
11
7/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
Place an input capacitor (C1) near VCC to keep
the input voltage stable and reduce input
switching voltage noise and ripple. The input
capacitor impedance must be low at the
switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. Ensure that the ceramic
capacitance is dependent on the voltage rating.
The DC bias voltage and value can lose as
much as 50% of its capacitance at its rated
voltage rating. Leave enough voltage rating
margin when selecting the component. For
most applications, a 1
μF to 10μF ceramic
capacitor is sufficient. In some applications, add
an additional, large, electrolytic capacitor to
absorb armature inductor energy if needed.
Selecting the PWM Input Resistor
When the input PWM signal rating is >6.5V,
which exceeds the PWM voltage rating, a
resistor (R2) is needed. The recommended
value is 499Ω.
Hall Sensor Position
The hall sensor cell is located in the lower left
corner of the package (see Figure 5).
1
2
3
6
5
4
(0, 0)
X
Y
Top View
Side View
Z
(X, Y, Z) = (540µm, 508µm, 80µm)
Figure 5: Hall Sensor Position
Input Clamping Zener Diode
To avoid voltage spikes caused by the energy
stored in the motor charges back to the input
capacitor side, add a voltage-clamping Zener
diode.
For
a 12V case,
a 15V/SOD-323
package Zener diode is sufficient. If input
connection reverse protection is needed, a
diode
in
series
with
a
Zener
diode
is
recommended (see Section 1 in Figure 6).
Input Snubber
Due
to
the
input
capacitor
energy
charge/discharge during the phase transition
soft switching, the input current has switching
cycle ringing. If needed, add a 2
Ω resistor in
series with a 1µF capacitor as an R-C snubber
in parallel with an input capacitor. This prevents
switching cycle ringing efficiently (see Section 2
in Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com