Electronic Components Datasheet Search
  English  ▼

X  

TC9488F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC9488F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9488F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC9488F Datasheet HTML 1Page - Toshiba Semiconductor TC9488F Datasheet HTML 2Page - Toshiba Semiconductor TC9488F Datasheet HTML 3Page - Toshiba Semiconductor TC9488F Datasheet HTML 4Page - Toshiba Semiconductor TC9488F Datasheet HTML 5Page - Toshiba Semiconductor TC9488F Datasheet HTML 6Page - Toshiba Semiconductor TC9488F Datasheet HTML 7Page - Toshiba Semiconductor TC9488F Datasheet HTML 8Page - Toshiba Semiconductor TC9488F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TC9455,88F/N
2002-02-05
3
Pin Description (Note 1)
Pin Number
TC9455N
TC9488N
TC9455F
TC9488F
Symbol
I/O
Function
Remarks
1
1
VDD
―
Digital supply voltage pin
2
2
CSCC
I
Capacitor connecting pin for CR oscillator (C = 68 pF)
3
3
OSCR
I
Resistor connecting pin for CR oscillator (R = 5.6 kΩ)
4
5
VOL1 ( CS )
I
When VOLST = “H” level, CS signal input pin
When VOLST = “L” level, DC control pin for MIC1 volume
5
6
VOL2 (SCL)
I
When VOLST = “H” level, clock input pin
When VOLST = “L” level, DC control pin for MIC2 volume
Open drain output
6
7
VOL3 (SDA)
I
When VOLST = “H” level, data input pin
When VOLST = “L” level, DC control pin for echo volume
Open drain output
7
9
VRO
―
Reference voltage pin
8
10
VREF
―
Reference voltage pin (1/2 VDD)
9
11
VDA
―
Analog supply voltage pin
10
13
ALC1
I
Auto level control pin 1
11
14
MC1N
I
MIC1 feedback signal input pin
12
15
MC1P
I
MIC1 signal input pin
13
16
MC2P
I
MIC2 signal input pin
14
17
MC2N
I
MIC2 feedback signal input pin
15
18
ALC2
I
Auto level control pin 2
16
20
VSA
―
Analog ground pin
17
21
MCO
O
MIC addition signal output pin
18
22
PRIN
I
Pre-filter input pin
19
23
ADIN
I
Pre-filter output signal or DC input pin
20
25
DAOUT
O
Post-filter output pin
21
26
VOLST
I
Electronic volume control mode select pin
When VOLST = “H” level, serial control (I
2C bus/three-lead)
When VOLST = “L” level, DC level control
22
28
TEST
I
Test pin. Fix to “H” level for normal use
23
29
POOUT
O
Microphone echo signal output pin
24
30
VSS
―
Digital ground pin
Note 1: With the TC9455F and TC9488F, pins 4, 8, 12, 19, 24, and 27 are not connected (NC pins).
NC pins are normally open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com