Electronic Components Datasheet Search
  English  ▼

X  

TLE6210G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6210G
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6210G Datasheet HTML 17Page - Infineon Technologies AG TLE6210G Datasheet HTML 18Page - Infineon Technologies AG TLE6210G Datasheet HTML 19Page - Infineon Technologies AG TLE6210G Datasheet HTML 20Page - Infineon Technologies AG TLE6210G Datasheet HTML 21Page - Infineon Technologies AG TLE6210G Datasheet HTML 22Page - Infineon Technologies AG TLE6210G Datasheet HTML 23Page - Infineon Technologies AG TLE6210G Datasheet HTML 24Page - Infineon Technologies AG TLE6210G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
21
2002-08
4.9.4
UZP overvoltage
hysteresis
UH
0.5
–
1.0
V
UH =
UZUE(on) - UZUE(off)
4.9.5
UZP overvoltage
filter
ton
2
1.8
–
–
3
3.4
´ tCLK
ms
UZP ³ overvoltage
threshold
toff
2
1.8
–
–
3
3.4
´ tCLK
ms
UZP < overvoltage
threshold
UST-Undervoltage
4.9.6
UST undervoltage
threshold
USTU
4.5
4.6
4.7
V
RES1, RES2 = low
4.9.7
UST undervoltage
hysteresis
UH
20
–
50
mV
USTU(on) =
USTU(off) + UH
1)
UST-Overvoltage
4.9.8
UST overvoltage
threshold
USTUE
5.3
5.4
5.5
V
Error flag is set
4.9.9
UST overvoltage
hysteresis
UH
20
–
50
mV
USTUE(ON) =
USTUE (off) - UH
1)
4.9.10 USTS input
current
ISTS
0.94
1.5
2.2
mA
USTS = 6 V
Reset timing
4.9.11 Reset delay time
tRH
–
46.35
52
52
–
58.85
´ tCLK
ms
UZP ³ 5.4 V
UST ³ 4.75 V
1) Hysteresis guaranteed by design.
Characteristics Supervision of
UZP, UST (cont’d)
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com