Electronic Components Datasheet Search
  English  ▼

X  

TLE6210C Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6210C
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210C Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6210C Datasheet HTML 9Page - Infineon Technologies AG TLE6210C Datasheet HTML 10Page - Infineon Technologies AG TLE6210C Datasheet HTML 11Page - Infineon Technologies AG TLE6210C Datasheet HTML 12Page - Infineon Technologies AG TLE6210C Datasheet HTML 13Page - Infineon Technologies AG TLE6210C Datasheet HTML 14Page - Infineon Technologies AG TLE6210C Datasheet HTML 15Page - Infineon Technologies AG TLE6210C Datasheet HTML 16Page - Infineon Technologies AG TLE6210C Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
13
2002-08
Power Driver
The TLE 6210/TLE 6211 includes 3 open drain outputs for loads up to 0.5 A: The two
drivers VR and MR are intended for (valve and motor) relays, while the SILA/NSILA
output is designed for a lamp.
In the TLE 6210 GW the SILA output is available. The output goes low if the supply
voltage
UZP is no longer available – the DMOS is switched on automatically. In the
TLE 6211 GW the NSILA has the inverted polarity related to SILA. In bare dice both
outputs SILA and NSILA can be used.
.
4.6
Valve Relay Output VR
The valve relay output VR is switched On after the power up reset and valid watchdog
signals. The driver has an open drain configuration and can supply up to 500 mA. The
output is protected against overtemperature and overcurrent. The output is short circuit
protected to
UZ. The output stage is equipped with its own overtemperature protection.
In case of overvoltage at the supply
UZP the output is switched off. However the output
is not protected against overvoltages caused by switching inductive loads. Therefore
externally a free wheeling diode is required as shown in the application diagram.
The valve relay output VR is controlled by the internal supervision logic. If any watchdog
errors or supply over-voltage is detected or the 5 V regulator is out of range, the VR is
switched off (please see also Table 1 on Page 19 and Table 2 on Page 28).
Characteristics Relay Driver Output VR
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.6.1 Saturation Voltage
UDS
––1.2
V
Rlast ³ 35 W; IL £ 0.5 A;
6 V
£ UZP £ 16 V
4.6.2 On state resistance
RDSon ––2.4
W
Tj = 150 °C; IL = 0.5 A;
UZP = 6 V
4.6.3 Overload detection
current
IK
500
–
–
mA
–
4.6.4 Output leakage
current
IR
–
–
–
–
0.5
2
mA
mA
UA £ 16 V
16 V < UA £ 60 V
4.6.5 Overtemperature
shutdown threshold
TK
150
–
–
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com