Electronic Components Datasheet Search
  English  ▼

X  

LG-Q971 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LG-Q971
Description  SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-Q971 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LG-Q971 Datasheet HTML 12Page - OSRAM GmbH LG-Q971 Datasheet HTML 13Page - OSRAM GmbH LG-Q971 Datasheet HTML 14Page - OSRAM GmbH LG-Q971 Datasheet HTML 15Page - OSRAM GmbH LG-Q971 Datasheet HTML 16Page - OSRAM GmbH LG-Q971 Datasheet HTML 17Page - OSRAM GmbH LG-Q971 Datasheet HTML 18Page - OSRAM GmbH LG-Q971 Datasheet HTML 19Page - OSRAM GmbH LG-Q971 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
2012-11-06
16
Version 1.0
LG Q971
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm (inch)
Width / Breite
Length / Länge
Height / Höhe
200 ± 5 (7.874 ± 0.196)
195 ± 5 (7.677 ± 0.1968)
30 ± 5 (1.181 ± 0.196)
OHA02624
Muster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com